Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34845A Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 34845A
Description  Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845A Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 34845A Datasheet HTML 5Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 9Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 10Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 11Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 12Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34845
PIN CONNECTIONS
STATIC AND DYNAMIC ELECTRICAL CHARACTERISTICS
23
VDC2
6.0 V internal voltage decoupling. This pin is for internal use only, and not to be used for other purposes. A
capacitor of 2.2
μF should be connected between this pin and ground.
24
VOUT
Boost voltage output feedback.
EP
EP
Ground and thermal enhancement pad
Table 4. 34845 Pin Definitions (continued)
Pin Number
Pin Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com