Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34845A Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 34845A
Description  Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845A Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 34845A Datasheet HTML 9Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 10Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 11Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 12Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 13Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 14Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 15Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 16Page - Freescale Semiconductor, Inc 34845A Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34845
TYPICAL PERFORMANCE CURVES
INTRODUCTION
Figure 8. Typical Operating Waveforms (FPWM=25kHz, 50% duty)
Figure 9. Low Duty Dimming Operation Waveforms (FPWM=25 kHz, 1% duty)
PWM
VOUT (ac coupled)
VCH1
ILED1
PWM
VOUT (ac coupled)
VCH1
ILED1
PWM
VOUT (ac coupled)
VCH1
ILED1
PWM
VOUT (ac coupled)
VCH1
ILED1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com