Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA2000C Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # PSA2000C
Description  Voltage-Controlled Oscillator Surface Mount Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

PSA2000C Datasheet(HTML) 1 Page - Z-Communications, Inc

  PSA2000C Datasheet HTML 1Page - Z-Communications, Inc PSA2000C Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PSA2000C
Telecommunications
Satellite
Telemetry
5
25
1970
-70
-107
-15
2.5
2.5
-40 to 85
Frequency Range
Harmonic Suppression (2nd, typ.)
Sideband Spurs (typ.)
Switching Speed (typ., adjacent channel)
Startup Lock Time (typ.)
Operating Temperature Range
Package Style
PLL-24H
MHz
dBc
dBc
mSec
mSec
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Communications, Inc.
All rights reserved
Page 1
PHASE LOCKED LOOP
FEATURES
APPLICATIONS
PERFORMANCE SPECIFICATIONS
VALUE
UNITS
POWER SUPPLY REQUIREMENTS
APPLICATION NOTES
1970
MHz
• Step Size:
100 KHz
- Style Package
PLL-24H
•
•
•
•
A1
Rev
•
AN-107 : How to Solder Z-COMM VCOs / PLLs
•
AN-200 : Mounting and Grounding of Z-COMM PLLs
•
AN-201 : PLL Fundamentals
AN-202 : PLL Functional Description
NOTES:
Reference Oscillator Signal: 5 MHz<
<100 MHz
Prescaler: 32
Frequency Synthesizer: Analog Devices - ADF4106
9939 Via Pasar • San Diego, CA 92126
TEL (858) 621-2700 FAX (858) 621-2722
Power Output
2±2.5
dBm
Load Impedance
50
Step Size
100
KHz
5000
2030
-
• Frequency Range:
-
2030
Charge Pump Output Current
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
dBc/Hz


Similar Part No. - PSA2000C

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
PSA2045L CHONGQING-PSA2045L Datasheet
182Kb / 1P
20.0AMPS. LOW VF MOS SCHOTTKY BARRIER RECTIFIERS
PSA2060L CHONGQING-PSA2060L Datasheet
182Kb / 1P
20.0AMPS. LOW VF MOS SCHOTTKY BARRIER RECTIFIERS
PSA2060LT CHONGQING-PSA2060LT Datasheet
182Kb / 1P
20.0AMPS. LOW VF MOS SCHOTTKY BARRIER RECTIFIERS
logo
Phihong USA Inc.
PSA20U-560 PHIHONG-PSA20U-560 Datasheet
69Kb / 2P
19.6W Power Over Ethernet Adapter
More results

Similar Description - PSA2000C

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
TRO1350A-LF ZCOMM-TRO1350A-LF Datasheet
144Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V842ME05-LF ZCOMM-V842ME05-LF_14 Datasheet
80Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V844ME05-LF ZCOMM-V844ME05-LF_14 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V844ME21-LF ZCOMM-V844ME21-LF_14 Datasheet
87Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V844ME29-LF ZCOMM-V844ME29-LF Datasheet
71Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V844ME36-LF ZCOMM-V844ME36-LF Datasheet
105Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V846ME01-LF ZCOMM-V846ME01-LF_14 Datasheet
91Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V846ME02 ZCOMM-V846ME02_14 Datasheet
78Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V956ME01-LF ZCOMM-V956ME01-LF_14 Datasheet
84Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
ZRO0736B2LF ZCOMM-ZRO0736B2LF_14 Datasheet
81Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com