Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA2000C Datasheet(PDF) 2 Page - Z-Communications, Inc

Part # PSA2000C
Description  Voltage-Controlled Oscillator Surface Mount Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

PSA2000C Datasheet(HTML) 2 Page - Z-Communications, Inc

  PSA2000C Datasheet HTML 1Page - Z-Communications, Inc PSA2000C Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1900
1925
1950
1975
2000
2025
2050
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-2
-1
0
1
2
3
4
5
1909
1934
1955
1973
1989
2003
2015
2025
2033
2039
LOW COST - HIGH PERFORMANCE
PHASE LOCKED LOOP
© Z-Communications, Inc.
Page 2
Printed in the U.S.A.
PSA2000C
VCO POWER CURVE, typ.
PAGE 2
PHYSICAL DIMENSIONS
17
19
15
13
1
2
3
4
8
10
12
24
22
20
5
6
7
911
14
16
18
21
23
TOP
P1 RF OUTPUT
P2-4 GROUND
P5 REFERENCE OSCILLATOR INPUT
P6 GROUND
P7 CLOCK
P8 DATA
P9 GROUND
P10 LOAD ENABLE
P11 GROUND
P12 LOCK DETECT
P13 VCC
P14 GROUND
P15 GROUND
P16 GROUND
P17 NO CONNECTION
P18-24 GROUND
TABS RANGE:
SEE NOTE 5
(4 PLACES)
DETAIL A
.015
.030
.055
DETAIL B (TYP)
(8 PLACES)
1.
The inside radius of all 24 half holes at the perimeter of
the board are plated to provide a surface for the
attachment of the PLL Module to the PCB. 16 pads are
for grounding, 8 pads are for signal interface.
2.
The surface of the shield is tin-plated and may be
soldered to. The shield’s base metal is cold-rolled steel.
3.
The ground plane on the bottom side is ground and
attaches to a ground track on the top side of the board
as well as to the shield.
4.
Unless otherwise noted all dimensions are in inches.
5.
Unless otherwise noted all tolerances are as follows:
.xxx =
± .010.
SEE DETAIL A
SEE DETAIL B
PIN 1
BOTTOM
.000
.153
.238
.323
.408
.493
.578
.663
-.025
.841
.816
SIDE VIEW
°c
25
VCO TUNING CURVE, typ.
TUNING VOLTAGE (Vdc)
°c
25
°c
-40
°c
85
FREQUENCY (MHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com