Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982C Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33982C
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982C Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33982C Datasheet HTML 19Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 20Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 21Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 22Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 23Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 24Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 25Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 26Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33982
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Figure 11. Multiple 8-Bit Word SPI Communication
SERIAL INPUT COMMUNICATION
SPI communication is accomplished using 8-bit
messages. A message is transmitted by the MCU starting
with the MSB, D7, and ending with the LSB, D0 (Table 9).
Each incoming command message on the SI pin can be
interpreted using the following bit assignments: the MSB (D7)
is the watchdog bit and in some cases a register address bit;
the next three bits, D6:D4, are used to select the command
register; and the remaining four bits, D3:D0, are used to
configure and control the output and its protection features.
Multiple messages can be transmitted in succession to
accommodate those applications where daisy chaining is
desirable or to confirm transmitted data as long as the
messages are all multiples of eight bits. Any attempt made to
latch in a message that is not eight bits will be ignored.
The 33982 has defined registers, which are used to
configure the device and to control the state of the output.
Table 10, summarizes the SI registers. The registers are
addressed via D6:D4 of the incoming SPI word (Table 9).
CS B
SI
SC L K
D7
D1 *
D2 *
D5 *
D6 *
D7 *
D0
D1
D6
D5
D2
D0 *
OD 5
OD 6
OD 7
D6
D7
OD 0
OD 1
OD 2
D1
D2
D5
F I G U R E 4 b .
M U L T IP L E 8 b i t W O R D S P I C O M M U N IC A T IO N
NO T E S :
D0
SO
1.
R S T B i s i n a l o gi c 1 s t at e d u r i ng t h e a b o v e op er at i o n.
2 .
D 0 , D 1 , D 2 , . . ., a n d D 7 r e l a t e t o t h e m o s t r e c e n t o r d e r e d e n tr y o f d a ta i n to th e S P S S
3.
O D 0, O D 1, O D 2, . . . , an d O D 7 r e l a t e t o t h e f i r s t 8 b i t s o f o r de r e d f a u l t a n d s t a t u s da t a ou t o f t h e de v i c e .
4.
O D 0, O D 1, O D 2, . . . , a n d O D 7 r e pr e s en t t h e f i r s t 8 bi t s o f o r de r e d f a u l t a n d s t a t u s da t a ou t o f t h e S P S S
CS
SCLK
SI
SO
RS T
1. RST is a Logic [1] state during the above operation.
2. D7:D0 relate to the most recent ordered entry of data into the device.
4. OD7:OD0 relate to the first 8 bits of ordered fault and status data out of the device.
Notes
3. D7*:D0* relate to the previous 8 bits (last command word) of data that was previously shifted into the device.
Table 9. SI Message Bit Assignment
Bit Sig SI Msg Bit
Message Bit Description
MSB
D7
Watchdog in: toggled to satisfy watchdog
requirements; also used as a register
address bit.
D6:D4
Register address bits.
D3:D1
Used to configure the inputs, outputs, and
the device protection features and SO
status content.
LSB
D0
Used to configure the inputs, outputs, and
the device protection features and SO
status content.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com