Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982C Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33982C
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982C Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33982C Datasheet HTML 10Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 11Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 12Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 13Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 14Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 15Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 16Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 17Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33982
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. Output Slew Rate and Time Delays
Figure 5. Over-current Shutdown
Figure 6. Over-current Low and High Detection
VPWR
VPWR - 0.5V
VPWR - 3V
0.5V
Tdly(off)
SRrA
SRrB
SRfA
SRfB
CS
Tdly(on)
VPWR
VPWR-0.5 V
VPWR-3.5 V
0.5 V
tDLY(ON)
SRRB_SLOW &
SRFB_SLOW & SRFB_FAST
SRFA_SLOW & SRFA_FAST
SRRA_SLOW &
HS
SRRA _FAST
SRRB_FAST
tDLY_SLOW(OFF) & tDLY_FAST(OFF)
IOCLx
IOCHx
tOCLx
tOCH
Time
Load
Current
IOCH0
tOCL0
tOCL1
tOCL2
tOCL3
tOCHx
Time
Load
Current
IOCH1
IOCL0
IOCL2
IOCL3
IOCL4
IOCL5
IOCL6
IOCL7
IOCL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com