Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV6115VC6T1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPXV6115VC6T1
Description  High Temperature Accuracy Integrated Silicon Pressure Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV6115VC6T1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPXV6115VC6T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPXV6115V
Sensors
4
Freescale Semiconductor
Pressure
On-chip Temperature Compensation and Calibration
Figure 2 illustrates the absolute sensing chip in the basic
Super Small Outline chip carrier (Case 482A).
Figure 3 shows a typical application circuit (output source
current operation).
Figure 4 shows the sensor output signal relative to
pressure input. Typical minimum and maximum output
curves are shown for operation over 0
° to 85°C temperature
range. The output will saturate outside of the rated pressure
range.
A fluorosilicone gel isolates the die surface and wire bonds
from the environment, while allowing the pressure signal to
be transmitted to the silicon diaphragm. The MPXV6115V
series pressure sensor operating characteristics, internal
reliability and qualification tests are based on use of dry air as
the pressure media. Media other than dry air may have
adverse effects on sensor performance and long-term
reliability. Contact the factory for information regarding media
compatibility in your application.
Figure 2. Cross Sectional Diagram SSOP (not to scale)
Figure 3. Typical Application Circuit
(Output Source Current Operation)
Figure 4. Output vs. Absolute Pressure
Fluorosilicone
Gel Die Coat
Wire
Bond
Differential Sensing
Element
Thermoplastic
Case
Stainless
Steel Cap
Lead
Frame
P1
P2
Die Bond
Die
VS Pin 2
+5.0 V
GND Pin 3
Vout Pin 4
MPXV6115V
to ADC
100 nF
51 K
47 pF
Transfer Function:
Vout = VS*[(0.007652*P) + 0.92] ± (Pressure error)
Vout vs. Vacuum
Transfer Function MPXV6115VC6U
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
*Temp Factor*0.007652*VS)
VS = 5.0 V ± 0.25 Vdc
TEMP = 0-85° C
-115
-95
-75
-55
-35
-15
0
Min
Max



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com