Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV6115VC6T1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXV6115VC6T1
Description  High Temperature Accuracy Integrated Silicon Pressure Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV6115VC6T1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXV6115VC6T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV6115VC6T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPXV6115V
Rev 0, 11/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Pressure
High Temperature Accuracy
Integrated Silicon Pressure Sensor
for Measuring Absolute Pressure,
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPXV6115V series sensor integrates on-chip, bipolar op amp circuitry
and thin film resistor networks to provide a high output signal and temperature
compensation. The small form factor and high reliability of on-chip integration
make the Freescale Semiconductor, Inc. pressure sensor a logical and
economical choice for the system designer.
The MPXV6115V series piezoresistive transducer is a state-of-the-art,
monolithic, signal conditioned, silicon pressure sensor. This sensor combines
advanced micromachining techniques, thin film metallization, and bipolar
semiconductor processing to provide an accurate, high level analog output
signal that is proportional to applied pressure.
Features
• Improved Accuracy at High Temperature
• 1.5% Maximum Error over 0
° to 85°C
• Ideally suited for Microprocessor or Microcontroller-Based Systems
• Temperature Compensated from -40
° to +125°C
• Durable Thermoplastic (PPS) Surface Mount Package
ORDERING INFORMATION
Device Name
Case
No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Small Outline Package (MPXV6115V Series)
MPXV6115VC6U
482A
•
• Vacuum/Gauge
MPXV6115V
MPXV6115VC6T1
482A
•
• Vacuum/Gauge
MPXV6115V
MPXV6115V
Series
-115 to 0 kPa (-16.7 to 2.2 psi)
0.2 to 4.6 V Output
SMALL OUTLINE PACKAGE
MPXV6115VC6U/6T1
CASE 482A-01
Application Examples
• Vacuum Pump Monitoring
• Brake Booster Monitoring


Similar Part No. - MPXV6115VC6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXV6115VC6U FREESCALE-MPXV6115VC6U Datasheet
207Kb / 8P
High Temperature Accuracy ntegrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV6115VC6U FREESCALE-MPXV6115VC6U Datasheet
188Kb / 11P
MPXV6115V, -115 to 0 kPa, Gauge,and Absolute Pressure Sensor
Rev. 4.0, 09/2015
More results

Similar Description - MPXV6115VC6T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXH6400A FREESCALE-MPXH6400A Datasheet
191Kb / 8P
High Temperature Accuracy integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A Datasheet
288Kb / 17P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6250A FREESCALE-MPXH6250A_09 Datasheet
192Kb / 11P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MP3H6115A FREESCALE-MP3H6115A_09 Datasheet
180Kb / 12P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV5050V FREESCALE-MPXV5050V Datasheet
96Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6300A FREESCALE-MPXH6300A_12 Datasheet
186Kb / 13P
High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com