Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT46R01A
Description  Small Package A/D Type 8-Bit OTP MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT46R01A Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
Device Markings
A suffix with the number 1, 2 or 3 will be added to each of the part numbers and printed on the package. The suffix num-
ber denotes the fixed oscillation frequency of the internal RC oscillator as shown.
Part No.
Device Marking
Internal RC Oscillator Frequency
HT46R01A
46R01A1
46R01A2
46R01A3
4MHz
8MHz
12MHz
Block Diagram
The following block diagram illustrates the main functional blocks.
Pin Assignment
HT46R01A
Rev. 1.10
2
August 13, 2008
O T P
P r o g r a m
M e m o r y
R A M D a t a
M e m o r y
W a t c h d o g
T i m e r
W a t c h d o g
T i m e r O s c i l l a t o r
8 - b i t
R I S C
M C U
C o r e
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
R C / C r y s t a l
O s c i l l a t o r
L o w
V o l t a g e
R e s e t
A / D
C o n v e r t e r
P W M
D r i v e r
P r o g r a m m a b l e
F r e q u e n c y
G e n e r a t o r
T i m e r
O T P
P r o g r a m m i n g
C i r c u i t r y
S t a c k
I n t e r n a l
O s c i l l a t o r
I / O
P o r t s
H T 4 6 R 0 1 A
1 0 M S O P - A
P A 3 / I N T / A N 3
P A 2 / T M R 0 / A N 2
P A 1 / P F D / A N 1
P A 0 / A N 0
V S S
P A 4 / P W M
P A 5 / O S C 2
P A 6 / O S C 1
P A 7 / R E S
V D D
1 0
9
8
7
6
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com