Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01A Datasheet (PDF) - Holtek Semiconductor Inc

HT46R01A Datasheet PDF - Holtek Semiconductor Inc
Part # HT46R01A
Download  HT46R01A Download
File Size   462.97 Kbytes
Page   58 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Small Package A/D Type 8-Bit OTP MCU

HT46R01A Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46R01A Datasheet PDF - Holtek Semiconductor Inc

Part # HT46R01A
Download  HT46R01A Click to download

File Size   462.97 Kbytes
Page   58 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Small Package A/D Type 8-Bit OTP MCU

HT46R01A Datasheet (HTML) - Holtek Semiconductor Inc


HT46R01A Product details

General Description

The HT46R01A is 8-bit high performance, RISC architecture microcontroller devices specifically designed for a wide range of applications. In addition to providing the usual microcontroller I/O control functions, the fully integrated A/D converter allows the interfacing and processing of external analog signals such as those from

sensors.



Features

Operating voltage:

  fSYS= 4MHz: 2.2V~5.5V

  fSYS= 8MHz: 3.3V~5.5V

  fSYS= 12MHz: 4.5V~5.5V

7 bidirectional I/O lines and 1 input line

External interrupt input shared with an I/O line

Single 8-bit programmable Timer/Event Counters with overflow interrupt and 7-stage prescaler

External crystal system oscillator

Fully integrated internal RC oscillator available with three frequencies: 4MHz, 8MHz or 12MHz

Watchdog Timer function

PFD for audio frequency generation

Power down and wake-up functions to reduce power consumption

Up to 0.33s instruction cycle with 12MHz system clock at VDD=5V

4-level subroutine nesting

4-channel 8-bit resolution A/D converter

8-bit PWM output shared with I/O line

Bit manipulation instruction

Table read instructions

63 powerful instructions

All instructions executed in one or two machine cycles

Low voltage reset function

10-pin ultra-small MSOP package




Similar Part No. - HT46R01A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01 HOLTEK-HT46R01 Datasheet
487Kb / 60P
10-Pin MSOP A/D Type 8-Bit OTP MCU
September 21, 2007
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
Enhanced A/D Type 8-Bit OTP MCU
HT46R017 HOLTEK-HT46R017 Datasheet
5Mb / 91P
Enhanced A/D Type 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
Small Package 8-Bit OTP MCU
December 15, 2009
HT46R01B HOLTEK-HT46R01B Datasheet
427Kb / 71P
Small Package 8-Bit OTP MCU
More results


Similar Description - HT46R01A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
Small Package 8-Bit OTP MCU
December 15, 2009
HT46R01B HOLTEK-HT46R01B_10 Datasheet
427Kb / 71P
Small Package 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
Small Package 8-Bit OTP MCU
June 9, 2011
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
Small Package 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
Small Package 8-Bit OTP MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com