Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R016 Datasheet (PDF) - Holtek Semiconductor Inc

HT46R016 Datasheet PDF - Holtek Semiconductor Inc
Part # HT46R016
Download  HT46R016 Download
File Size   6117.51 Kbytes
Page   91 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced A/D Type 8-Bit OTP MCU

HT46R016 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46R016 Datasheet PDF - Holtek Semiconductor Inc

Part # HT46R016
Download  HT46R016 Click to download

File Size   6117.51 Kbytes
Page   91 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced A/D Type 8-Bit OTP MCU

HT46R016 Datasheet (HTML) - Holtek Semiconductor Inc


HT46R016 Product details

General Description

The Enhanced A/D MCUs are a series of 8-bit high performance, RISC architecture microcontrollers specifically designed for a wide range of applications. The usual Holtek microcontroller features of low power consumption, I/O flexibility, timer functions, oscillator options, power down and wake-up functions, watchdog timer and low voltage reset, combine to provide devices with a huge range of functional options while still maintaining a high level of cost effectiveness.



Features

CPU Features

●Operating voltage:

  ♦ fSYS=4MHz: 2.2V~5.5V

  ♦ fSYS=8MHz: 3.3V~5.5V

  ♦ fSYS=12MHz: 4.5V~5.5V

●Up to 0.33μs instruction cycle with 12MHz system clock at VDD=5V

●Oscillator types:

  ♦ External high frequency crystal -- HXT

  ♦ Internal RC -- HIRC

●Power down modes and wake-up function

●Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components

●LIRC oscillator function for watchdog timer

●All instructions executed in one or two instruction cycles

●Table read instructions

●63 powerful instructions

●Up to 4-level stack

●Bit manipulation instruction



Peripheral Features

●Up to 2048×16 program memory

●Up to 96×8 data memory

●Up to 14 bidirectional I/O lines

●Up to 4 channel 12-bit ADC

●1 channel 8-bit PWM

●Low voltage reset function

●Watchdog timer function

●External interrupt input shared with an I/O line

●Up to two 8-bit programmable Timer/Event Counter with overflow interrupt and prescaler

●Time-Base functions

●Programmable Frequency Divider - PFD

●Package Types: 16 DIP/NSOP




Similar Part No. - HT46R016

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01 HOLTEK-HT46R01 Datasheet
487Kb / 60P
10-Pin MSOP A/D Type 8-Bit OTP MCU
September 21, 2007
HT46R01A HOLTEK-HT46R01A Datasheet
462Kb / 58P
Small Package A/D Type 8-Bit OTP MCU
August 13, 2008
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
Small Package 8-Bit OTP MCU
December 15, 2009
HT46R01B HOLTEK-HT46R01B Datasheet
427Kb / 71P
Small Package 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
Small Package 8-Bit OTP MCU
June 9, 2011
More results


Similar Description - HT46R016

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
Enhanced A/D Type 8-Bit OTP MCU
January 22, 2013
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
Enhanced A/D Type 8-bit OTP MCU
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
Enhanced A/D Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
Enhanced A/D Type 8-Bit OTP MCU
October 23, 2012
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
Enhanced A/D Type 8-Bit OTP MCU
October 23, 2012
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
Enhanced A/D Type 8-bit OTP MCU
May 02, 2012
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
Enhanced A/D Type 8-Bit OTP MCU
January 22, 2013
HT46R068B HOLTEK-HT46R068B_15 Datasheet
4Mb / 135P
Enhanced A/D 8-Bit OTP MCU
February 05, 2015
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com