Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R016 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT46R016
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R016 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT46R016 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
Rev. 1.00
8
���� 1�� �01�
Rev. 1.00
9
���� 1�� �01�
HT46R016/HT46R017
Enhanced A/D 8-Bit OTP MCU
Absolute Maximum Ratings
Supply Voltage ................................................................................................VSS−0.3V to VSS+6.0V
Input Voltage ..................................................................................................VSS−0.3V to VDD+0.3V
Storage Temperature...................................................................................................-50°C to 125°C
Operating Temperature.................................................................................................-40°C to 85°C
IOH Total ..................................................................................................................................-100mA
IOL Total ................................................................................................................................... 100mA
Total Power Dissipation ........................................................................................................ 500mW
Note: These are stress ratings only. Stresses exceeding the range specified under "Absolute Maximum
Ratings" may cause substantial damage to the device. Functional operation of this device at other
conditions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
D.C.Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VDD
Operating Vo�tage
—
fSYS=4MHz
�.�
—
5.5
V
fSYS=8MHz
3.3
—
5.5
V
fSYS=1�MHz
4.5
—
5.5
V
IDD1
Operating C�rrent (HXT� HIRC)
3V No �oad� fSYS=4MHz�
ADC disab�e
—
1
�
mA
5V
—
�.5
5
mA
IDD�
Operating C�rrent (HXT� HIRC)
5V No �oad� f
SYS
=8MHz�
ADC disab�e
—
4
8
mA
IDD3
Operating C�rrent (HXT� HIRC)
5V No �oad� f
SYS
=1�MHz�
ADC disab�e
—
�
1�
mA
ISTB1
Standb� C�rrent (LIRC on)
3V
No �oad� s�stem HALT
—
—
5
μA
5V
—
—
10
μA
ISTB�
Standb� C�rrent (LIRC off)
3V
No �oad� s�stem HALT
—
—
1
μA
5V
—
—
�
μA
VIL1
Inp�t Low Vo�tage for PA� PB� TCn� INT
(except PA7)
5V
—
0
—
1.5
V
—
—
0
—
0.�VDD
V
VIH1
Inp�t High Vo�tage for PA� PB� TCn�
INT (except PA7)
5V
—
3.5
—
5
V
—
—
0.8VDD
—
VDD
V
VIL�
Inp�t Low Vo�tage (PA7)
—
—
0
—
0.4VDD
V
VIH�
Inp�t High Vo�tage (PA7)
—
—
0.9VDD
—
VDD
V
IOL1
I/O Sink C�rrent (PA�PB)
3V
VOL=0.1VDD
4
8
—
mA
5V
10
�0
—
mA
IOH1
I/O So�rce C�rrent (PA�PB)
3V
VOH=0.9VDD
-�
-4
—
mA
5V
-5
-10
—
mA
IOL�
PA7 Sink C�rrent
5V VOL=0.1VDD
�
3
—
mA
RPH
P���-high Resistance (I/O)
3V
—
�0
�0
100
kΩ
5V
—
10
30
50
kΩ
Note: The standby current (ISTB1~ISTB2) are measured with all I/O pins in input mode and tied to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com