Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R005 Datasheet (PDF) - Holtek Semiconductor Inc

HT48R005 Datasheet PDF - Holtek Semiconductor Inc
Part # HT48R005
Download  HT48R005 Download
File Size   383.25 Kbytes
Page   62 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Small Package 8-Bit OTP MCU

HT48R005 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48R005 Datasheet PDF - Holtek Semiconductor Inc

Part # HT48R005
Download  HT48R005 Click to download

File Size   383.25 Kbytes
Page   62 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Small Package 8-Bit OTP MCU

HT48R005 Datasheet (HTML) - Holtek Semiconductor Inc


HT48R005 Product details

General Description

The HT46R005 and HT48R005 are a series of 8-bit high performance, RISC architecture microcontrollers specifically designed for a wide range of applications. The usual Holtek microcontroller features of low power consumption, I/O flexibility, timer functions, oscillator options, power down and wake-up functions, watchdog timer and low voltage reset, combine to provide devices with a huge range of functional options while still maintaining a high level of cost effectiveness.



CPU Features

Operating voltage:

   fSYS= 12MHz: 2.2V~5.5V

   fSYS= 16MHz: 3.0V~5.5V

Up to 0.33s instruction cycle with 12MHz system clock at VDD=5V

Sleep mode and wake-up functions to reduce power consumption

Oscillator types:

  External high freuency Crystal -- HXT

  External RC -- ERC

  Internal RC -- HIRC

Two operational modes: Normal, Sleep

Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components

OTP Program Memory: 0.5K14

RAM Data Memory: 328

Watchdog Timer function

LIRC oscillator function for watchdog timer

All instructions executed in one or two instruction cycles

Table read instructions

63 powerful instructions

2-level subroutine nesting

Bit manipulation instruction

Low voltage reset function

Wide range of available package types



Peripheral Features

6 bidirectional I/O lines

3 channel 12-bit ADC

External interrupt input shared with an I/O line

Single 8-bit programmable Timer/Event

Counter with overflow interrupt and prescaler

Buzzer driving pair supported

Package types: 10-pin MSOP




Similar Part No. - HT48R005

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
Small Package 8-Bit OTP MCU
More results


Similar Description - HT48R005

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
Small Package 8-Bit OTP MCU
December 15, 2009
HT46R01A HOLTEK-HT46R01A Datasheet
462Kb / 58P
Small Package A/D Type 8-Bit OTP MCU
August 13, 2008
HT48R01A HOLTEK-HT48R01A Datasheet
401Kb / 49P
Small Package I/O Type 8-Bit OTP MCU
August 4, 2008
HT46R01B HOLTEK-HT46R01B_10 Datasheet
427Kb / 71P
Small Package 8-Bit OTP MCU
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
2.4GHz Transceiver 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
Small Package 8-Bit OTP MCU
June 9, 2011
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
Small Package 8-Bit OTP MCU
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
HT46R01C HOLTEK-HT46R01C Datasheet
534Kb / 14P
Small Form 8-Bit OTP MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com