Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R005 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT48R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R005 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT48R005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=12MHz
2.2
¾
5.5
V
fSYS=16MHz
3.0
¾
5.5
V
IDD1
Operating Current
(Crystal/RC OSC)
3V
No load, fSYS=4MHz
A/D disabled
¾¾
1mA
5V
¾¾
3mA
IDD2
Operating Current
(Crystal/RC OSC)
3V
No load, fSYS=8MHz
A/D disabled
¾¾
2mA
5V
¾¾
4mA
IDD3
Operating Current
(Crystal/RC OSC)
5V
No load, fSYS=16MHz
A/D disabled
¾¾
7mA
ISTB1
Standby Current
(WDTOSC on)
3V
No load, system HALT
¾¾
3
mA
5V
¾¾
10
mA
ISTB2
Standby Current
(WDTOSC on)
3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
mA
VIL1
Input Low Voltage for I/O,
TMR and INT
5V
¾
0
¾
1.5
V
¾
0
¾
0.2VDD
VIH1
Input High Voltage for I/O,
TCn and INT
5V
¾
3.5
¾
5.0
V
¾
0.8VDD
¾
VDD
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR1
Low Voltage Reset 1
¾ VLVR = 2.10V
1.98
2.10
2.22
V
VLVR2
Low Voltage Reset 2
¾ VLVR = 3.15V
2.98
3.15
3.32
V
VLVR3
Low Voltage Reset 3
¾ VLVR = 4.20V
3.98
4.20
4.42
V
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-10
¾
mA
IOL1
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
10
20
¾
mA
IOL2
PA7 Sink Current
5V
VOL=0.1VDD
23
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
¾
10
30
50
k
W
Note: The standby current ISTB1 and ISTB2 are measured with all I/O pins in input mode and tied to VDD.
HT48R005/HT46R005
Rev. 1.00
9
November 29, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com