Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R005 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT48R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R005 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT48R005 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 26Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 27Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 28Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
HT48R005/HT46R005
Rev. 1.00
29
November 29, 2011
I/O Port Control Registers
Each Port has its own control register, known as PAC
which controls the input/output configuration. With this
control register, each I/O pin with or without pull-high re-
sistors can be reconfigured dynamically under software
control. For the I/O pin to function as an input, the corre-
sponding bit of the control register must be written as a
²1². This will then allow the logic state of the input pin to
be directly read by instructions. When the correspond-
ing bit of the control register is written as a
²0², the I/O
pin will be setup as a CMOS output. If the pin is currently
setup as an output, instructions can still be used to read
the output register. However, it should be noted that the
program will in fact only read the status of the output
data latch and not the actual logic status of the output
pin.
Pin-shared Functions
The flexibility of the microcontroller range is greatly en-
hanced by the use of pins that have more than one func-
tion. Limited numbers of pins can force serious design
constraints on designers but by supplying pins with
multi-functions, many of these difficulties can be over-
come. For some pins, the chosen function of the
multi-function I/O pins is set by configuration options
while for others the function is set by application pro-
gram control.
· External Interrupt Input
The external interrupt pin, INT, is pin-shared with an
I/O pin. To use the pin as an external interrupt input
the correct bits in the INTC0 register must be pro-
grammed. The pin must also be setup as an input by
setting PAC2 bit in the Port Control Register. A
pull-high resistor can also be selected via the appro-
priate port pull-high resistor register. Note that even if
the pin is setup as an external interrupt input the I/O
function still remains.
· External Timer/Event Counter Input
The Timer/Event Counter pin, TMR is pin-shared with
I/O pin. For this shared pin to be used as Timer/Event
Counter input, the Timer/Event Counter must be con-
figured to be in the Event Counter or Pulse Width Cap-
ture Mode. This is achieved by setting the appropriate
bits in the Timer/Event Counter Control Register. The
pins must also be setup as inputs by setting the ap-
propriate bit in the Port Control Register. Pull-high re-
sistor options can also be selected using the port
pull-high resistor registers. Note that even if the pin is
setup as an external timer input the I/O function still re-
mains.
· Buzzer Output
The device contains a Buzzer function whose single
or dual outputs are pin-shared with I/O pins. The out-
put function of these pin are chosen using the CTRL0
register. Note that the corresponding bit of the port
control register, must setup the pin as an output to en-
able the BZ, BZ output. If the port control register has
setup these pins as input, then these pins will function
as normal logic input with the usual pull-high selec-
tion, even if the Buzzer function has been selected.
· A/D Inputs
Each device in this series has either four or eight in-
puts to the A/D converter. All of these analog inputs
are pin-shared with I/O pins on Port A. If these pins
are to be used as A/D inputs and not as I/O pins then
the corresponding PCRn bits in the A/D converter
control register, ADCR, must be properly setup. There
are no configuration options associated with the A/D
converter. If chosen as I/O pins, then full pull-high re-
sistor configuration options remain, however if used
as A/D inputs then any pull-high resistor configuration
options associated with these pins will be automati-
cally disconnected.
I/O Pin Structures
The diagrams illustrate the I/O pin internal structures. As
the exact logical construction of the I/O pin may differ
from these drawings, they are supplied as a guide only
to assist with the functional understanding of the I/O
pins.
Programming Considerations
Within the user program, one of the first things to con-
sider is port initialisation. After a reset, the I/O data reg-
ister and I/O port control register will be set high. This
means that all I/O pins will default to an input state, the
level of which depends on the other connected circuitry
and whether pull-high options have been selected. If the
port control registers, are then programmed to setup
some pins as outputs, these output pins will have an ini-
tial high output value unless the associated port data
register is first programmed. Selecting which pins are in-
puts and which are outputs can be achieved byte-wide
by loading the correct value into the port control register
or by programming individual bits in the port control reg-
ister using the
²SET [m].i² and ²CLR [m].i² instructions.
Note that when using these bit control instructions, a
read-modify-write operation takes place. The
microcontroller must first read in the data on the entire
port, modify it to the required new bit values and then re-
write this data back to the output ports.
Pins PA0 to PA7 each have a wake-up functions, se-
lected via the PAWK register. When the device is in the
Sleep Mode, various methods are available to wake the
device up. One of these is a high to low transition of any
of the these pins. Single or multiple pins on Port A can
be setup to have this function.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
W r i t e t o P o r t
R e a d f r o m P o r t
S y s t e m C l o c k
P o r t D a t a
Read Modify Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com