Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R005 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT48R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R005 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT48R005 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 38Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
HT48R005/HT46R005
Rev. 1.00
35
November 29, 2011
If the CTRL0 register has selected the buzzer function,
then for both buzzer outputs to operate, it is essential
that the Port A control register PAC bit 0 and PAC bit 1
are setup as outputs. If only one pin is setup as an out-
put, the other pin can still be used as a normal data input
pin. However, if both pins are setup as inputs then the
buzzer will not function. The buzzer outputs will only be
activated if bit PA0 is set to
²1². This output data bit is
used as the on/off control bit for the buzzer outputs.
Note that the BZ and BZ outputs will both be low if the
PA0 output data bit is cleared to
²0². The condition of
data bit PA1 has no effect on the overall control of the BZ
and BZ pins.
Using this method of frequency generation, and if a
crystal oscillator is used for the system clock, very pre-
cise values of frequency can be generated.
I/O Interfacing
The Timer/Event Counter, when configured to run in the
event counter or pulse width measurement mode, re-
quires the use of an external timer pin for its operation.
As this pin is a shared pin it must be configured correctly
to ensure that it is setup for use as a Timer/Event Coun-
ter input pin. This is achieved by ensuring that the mode
select bits in the Timer/Event Counter control register,
select either the event counter or pulse width measure-
ment mode. Additionally the corresponding PAC Port
Control Register bit must be set high to ensure that the
pin is setup as an input. Any pull-high resistor connected
to this pin will remain valid even if the pin is used as a
Timer/Event Counter input.
Programming Considerations
When configured to run in the timer mode, the internal
system clock is used as the timer clock source and is
therefore synchronised with the overall operation of the
microcontroller. In this mode when the appropriate timer
register is full, the microcontroller will generate an inter-
nal interrupt signal directing the program flow to the re-
spective internal interrupt vector. For the pulse width
measurement mode, the internal system clock is also
used as the timer clock source but the timer will only run
when the correct logic condition appears on the external
timer input pin. As this is an external event and not syn-
chronized with the internal timer clock, the
microcontroller will only see this external event when the
next timer clock pulse arrives. As a result, there may be
small differences in measured values requiring pro-
grammers to take this into account during programming.
The same applies if the timer is configured to be in the
event counting mode, which again is an external event
and not synchronized with the internal system or timer
clock.
T i m e r O v e r f l o w
B u z z e r C l o c k
P A 0 D a t a
B Z O u t p u t a t P A 0
B Z O u t p u t a t P A 1
Buzzer Function
BZEN1
BZEN0
PAC Register
PAC0
PAC Register
PAC1
PA Register
PA0
PA Register
PA1
Output Function
I
I
O
O
I
x
PA0=BZ, PA1=BZ
I
I
O
O
O
x
PA0=0, PA1=0
I
O
O
I
I
x
PA0=BZ, PA1=input
I
x
O
I
O
x
PA0=0, PA1=input
x
C
I
I
x
D
PA0=input, PA1=D
x
x
I
I
x
x
PA0=input, PA1=input
Note:
The BZEN1 and BZEN0 bits are located in the CTRL0 register;
²I²: Input; ²O²: Output;
²×² don¢t care; ²D²: data ²0² or ²1²; ²C²: CMOS output structure.
PA0/PA1 I/O Funcion Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com