Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R005 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT48R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R005 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT48R005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
ADC Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
DNL
ADC Differential Non-Linearity
3V
tAD=0.5
ms
-2
¾
2
LSB
5V
INL
ADC Integral Non-Linearity
3V
tAD=0.5
ms
-4
¾
4
LSB
5V
IADC
Additional Power Consumption
if A/D Converter is Used
3V
¾
¾
0.5
0.75
mA
5V
¾
1.0
1.5
mA
Power-on Reset Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Start Voltage to Ensure
Power-on Reset
¾¾
¾
¾
100
mV
RRVDD
VDD raising rate to Ensure
Power-on Reset
¾¾
0.035
¾¾
V/ms
tPOR
Minimum Time for VDD Stays at
VPOR to Ensure Power-on Reset
¾¾
1
¾¾
ms
HT48R005/HT46R005
Rev. 1.00
11
November 29, 2011
T i m e
V D D
V P O R
R R V D D
t P O R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com