Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R005 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT48R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R005 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT48R005 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
HT48R005/HT46R005
Rev. 1.00
34
November 29, 2011
Control Register Operating Mode
Select Bits for the Pulse Width
Capture Mode
Bit7 Bit6
11
In this mode the internal clock, fSYS or fSYS/4, is used as
the internal clock for the 8-bit Timer/Event Counter.
However, the clock source, fSYS, for the 8-bit timer is fur-
ther divided by a prescaler, the value of which is deter-
mined
by
the
Prescaler
Rate
Select
bits
T0PSC2~T0PSC0, which are bits 2~0 in the Timer Con-
trol Register. After the other bits in the Timer Control
Register have been setup, the enable bit T0ON, which is
bit 4 of the Timer Control Register, can be set high to en-
able the Timer/Event Counter, however it will not actu-
ally start counting until an active edge is received on the
external timer pin.
If the Active Edge Select bit T0EG, which is bit 3 of the
Timer Control Register, is low, once a high to low transi-
tion has been received on the external timer pin, the
Timer/Event Counter will start counting until the external
timer pin returns to its original high level. At this point the
enable bit will be automatically reset to zero and the
Timer/Event Counter will stop counting. If the Active
Edge Select bit is high, the Timer/Event Counter will be-
gin counting once a low to high transition has been re-
ceived on the external timer pin and stop counting when
the external timer pin returns to its original low level. As
before, the enable bit will be automatically reset to zero
and the Timer/Event Counter will stop counting. It is im-
portant to note that in the pulse width capture Mode, the
enable bit is automatically reset to zero when the exter-
nal control signal on the external timer pin returns to its
original level, whereas in the other two modes the en-
able bit can only be reset to zero under program control.
The residual value in the Timer/Event Counter, which
can now be read by the program, therefore represents
the length of the pulse received on the TMR pin. As the
enable bit has now been reset, any further transitions on
the external timer pin will be ignored. The timer cannot
begin further pulse width capture until the enable bit is
set high again by the program. In this way, single shot
pulse measurements can be easily made.
It should be noted that in this mode the Timer/Event
Counter is controlled by logical transitions on the external
timer pin and not by the logic level. When the Timer/Event
Counter is full and overflows, an interrupt signal is gener-
ated and the Timer/Event Counter will reload the value al-
ready loaded into the preload register and continue
counting. The interrupt can be disabled by ensuring that
the Timer/Event Counter Interrupt Enable bit in the corre-
sponding Interrupt Control Register, is reset to zero.
As the TMR pin is shared with an I/O pin, to ensure that
the pin is configured to operate as a pulse width capture
pin, two things have to happen. The first is to ensure that
the Operating Mode Select bits in the Timer Control
Register place the Timer/Event Counter in the pulse
width capture Mode, the second is to ensure that the
port control register configures the pin as an input.
Prescaler
Bits T0PSC0~T0PSC2 of the TMRC register can be
used to define a division ratio for the internal clock
source of the Timer/Event Counter enabling longer time
out periods to be setup.
PFD Function
Operating similar to a programmable frequency divider,
the buzzer function within the microcontroller provides a
means of producing a variable frequency output suitable
for applications, such as piezo-buzzer driving or other
interfaces requiring a precise frequency generator.
BZ and BZ pins are a complimentary pair and
pin-shared with I/O pins, PA0 and PA1. The function is
selected via the CTRL0 register, however, if not se-
lected, the pins can operate as normal I/O pins. Note
that the BZ pin is the inverse of the BZ pin generating a
kind of differential output and supplying more power to
connected interfaces such as buzzers. The CTRL0 reg-
ister can select a single BZ pin or the complimentary pair
BZ and BZ. The accompanying table illustrates the truth
table of PA0/BZ and PA1/BZ.
The timer overflow signal is the clock source for the
buzzer circuit. The output frequency is controlled by load-
ing the required values into the timer prescaler and timer
registers to give the required division ratio. The counter
will begin to count-up from this preload register value until
full, at which point an overflow signal is generated, caus-
ing both the BZ and BZ outputs to change state. The
counter will then be automatically reloaded with the
preload register value and continue counting-up.
+ 1
+ 2
+ 3
+ 4
T i m e r
E x t e r n a l T M R
P i n I n p u t
T 0 O N - w i t h T 0 E G = 0
P r e s c a l e r O u t p u t
I n c r e m e n t
T i m e r C o u n t e r
P r e s c a l e r O u t p u t i s s a m p l e d a t e v e r y f a l l i n g e d g e o f T 1 .
Pulse Width Capture Mode Timing Chart (TnEG=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com