Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R005 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT48R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R005 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT48R005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
¾
2.2V~5.5V
400
¾
12000
kHz
3.0V~5.5V
400
¾
16000
kHz
fHIRC
System Clock
(HIRC)
3V/5V Ta=25
°C
-2%
4
+2%
MHz
3V/5V Ta=25
°C
-2%
8
+2%
MHz
5V
Ta=25
°C
-2%
12
+2%
MHz
3V/5V Ta=0~70
°C
-5%
4
+5%
MHz
3V/5V Ta=0~70
°C
-5%
8
+5%
MHz
5V
Ta=0~70
°C
-5%
12
+5%
MHz
2.2V~
3.6V
Ta=0~70
°C
-8%
4
+8%
MHz
3.0V~
5.5V
Ta=0~70
°C
-8%
4
+8%
MHz
3.0V~
5.5V
Ta=0~70
°C
-8%
8
+8%
MHz
4.5V~
5.5V
Ta=0~70
°C
-8%
12
+8%
MHz
2.2V~
3.6V
Ta=
-40°C~85°C
-12%
4
+12%
MHz
3.0V~
5.5V
Ta=
-40°C~85°C
-12%
4
+12%
MHz
3.0V~
5.5V
Ta=
-40°C~85°C
-12%
8
+12%
MHz
4.5V~
5.5V
Ta=
-40°C~85°C
-12%
12
+12%
MHz
fERC
System Clock
(ERC)
5V
Ta=25
°C, R=120kW *
-2%
4
+2%
MHz
5V
Ta=0~70
°C, R=120kW *
-5%
4
+5%
MHz
5V
Ta=
-40°C~85°C,
R=120k
W *
-7%
4
+7%
MHz
2.2V~
5.5V
Ta=
-40°C~85°C,
R=120k
W *
-11%
4
+11%
MHz
fTIMER
Timer Input Frequency
(TMR)
¾
2.2V~5.5V
0
¾
4000
kHz
3.3V~5.5V
0
¾
8000
kHz
4.5V~5.5V
0
¾
12000
kHz
fLIRC
LIRC Oscillator
3V
¾
5
10
15
kHz
5V
¾
6.5
13.0
19.5
kHz
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up time Period
¾
Wake up from HALT mode
2
128
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tLVR
Low Voltage Width to Reset
¾¾
0.25
1
2
ms
tRSTD
Reset Delay Time
¾¾¾
100
¾
ms
Note:
1. tSYS=1/fSYS
2. *For fERC, as the resistor tolerance will influence the frequency a precision resistor is recommended.
HT48R005/HT46R005
Rev. 1.00
10
November 29, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com