Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R005 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT48R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R005 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT48R005 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Pin Description
HT48R005
Pin Name
Function
OPT
I/T
O/T
Description
PA0/BZ
PA0
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
BZ
CTRL0
¾
CMOS
Buzzer output pin
PA1/BZ
PA1
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
BZ
CTRL0
¾¾
Buzzer complementary output pin
PA2/TMR/INT
PA2
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
TMR
¾
ST
¾
External Timer clock input
INT
¾
ST
¾
External interrupt input
PA5/OSC2
PA5
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
OSC2
CO
¾
OSC
Oscillator pin
PA6/OSC1
PA6
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
OSC1
CO
OSC
¾
Oscillator pin
PA7/RES
PA7
PAWK
ST
NMOS
General purpose I/O. Register enabled wake-up.
RES
CO
ST
¾
Reset input
VDD
VDD
¾
PWR
¾
Power supply
VSS
VSS
¾
PWR
¾
Ground
Note:
I/T: Input type
O/T: Output type
OPT: Optional by configuration option (CO) or register option
PWR: Power
CO: Configuration option
ST: Schmitt Trigger input
CMOS: CMOS output
HT48R005/HT46R005
Rev. 1.00
7
November 29, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com