Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R005 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT48R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R005 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT48R005 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 26Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 27Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 28Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48R005 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
HT48R005/HT46R005
Rev. 1.00
26
November 29, 2011
The following table indicates the way in which the various components of the microcontroller are affected after a
power-on reset occurs.
Item
Condition After RESET
Program Counter
Reset to zero
Interrupts
All interrupts will be disabled
WDT
Clear after reset, WDT begins counting
Timer/Event Counter
Timer Counter will be turned off
Prescaler
The Timer Counter Prescaler will be cleared
Input/Output Ports
I/O ports will be setup as inputs
Stack Pointer
Stack Pointer will point to the top of the stack
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To ensure reliable
continuation of normal program execution after a reset occurs, it is important to know what condition the microcontroller
is in after a particular reset occurs. The following table describes how each type of reset affects each of the
microcontroller internal registers.
HT48R005
Register
Power-on
Reset
RES or LVR
Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT Mode)
PCL
0000 0000
0000 0000
0000 0000
0000 0000
MP0
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
MP1
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
-- xx xxxx
-- uu uuuu
-- uu uuuu
-- uu uuuu
WDTS
---- - 111
---- - 111
---- - 111
---- - uuu
STATUS
-- 00 xxxx
-- uu uuuu
-- 1u uuuu
-- 11 uuuu
INTC0
-- 00 - 000
-- 00 - 000
-- 00 - 000
-- uu - uuu
TMR0
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
00
- 0 1000
00
- 0 1000
00
- 0 1000
uu
- u uuuu
PA
111
-- 111
111
-- 111
111
-- 111
uuu
-- uuu
PAC
111
-- 111
111
-- 111
111
-- 111
uuu
-- uuu
PAWK
000
-- 000
000
-- 000
000
-- 000
uuu
-- uuu
PAPU
- 00 -- 000
- 00 -- 000
- 00 -- 000
- uu -- uuu
CTRL0
---- 00 --
---- 00 --
---- 00 --
---- uu --
CTRL1
10
-- 1010
10
-- 1010
10
-- 1010
uu
-- uuuu
Note:
²-² not implemented
²u² means ²unchanged²
²x² means ²unknown²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com