Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R006 Datasheet (PDF) - Holtek Semiconductor Inc

HT48R006 Datasheet PDF - Holtek Semiconductor Inc
Part # HT48R006
Download  HT48R006 Download
File Size   451.03 Kbytes
Page   72 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Small Package 8-Bit OTP MCU

HT48R006 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48R006 Datasheet PDF - Holtek Semiconductor Inc

Part # HT48R006
Download  HT48R006 Click to download

File Size   451.03 Kbytes
Page   72 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Small Package 8-Bit OTP MCU

HT48R006 Datasheet (HTML) - Holtek Semiconductor Inc


HT48R006 Product details

General Description
The HT48R006 and HT46R006 are a series of 8-bit high performance, RISC architecture microcontrollers specifically designed for a wide range of applications. The usual Holtek microcontroller features of low power consumption, I/O flexibility, timer functions, oscillator options, power down and wake-up functions, watchdog timer and low voltage reset, combine to provide devices with a huge range of functional options while still maintaining a high level of cost effectiveness.

Features
CPU Features
● Operating voltage:
   fSYS= 4MHz: 2.2V~5.5V
   fSYS= 8MHz: 3.0V~5.5V
   fSYS= 12MHz: 4.5V~5.5V
● Up to 0.33μs instruction cycle with 12MHz system
   clock at VDD= 5V
● Sleep mode and wake-up functions to reduce
   power consumption
● Oscillator types:
   External high freuency Crystal -- HXT
   External RC -- ERC
   Internal RC -- HIRC
   External low frequency crystal -- LXT
● Three operational modes: Normal, Slow, Sleep
● Fully integrated internal 4MHz, 8MHz and 12MHz
   oscillator requires no external components
● OTP Program Memory: 1Kx14 or 1Kx15
● RAM Data Memory: 64x8 ~ 96x8
● Watchdog Timer function
● LIRC oscillator function for watchdog timer
● All instructions executed in one or two instruction cycles
● Table read instructions
● 63 powerful instructions
● 2~6-level subroutine nesting
● Bit manipulation instruction
● Low voltage reset function

Peripheral Features
● 6 bidirectional I/O lines
● 3 channel 12-bit ADC
● 1 channel 8-bit PWM
● External interrupt input shared with an I/O line
● 1~2 8-bit programmable Timer/Event
   Counter with overflow interrupt and prescaler
● Time-Base function
● Programmable Frequency Divider - PFD
● Buzzer driving pair supported
● 10-pin MSOP package




Similar Part No. - HT48R006

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
Cost-Effective I/O 8-Bit OTP MCU
April 11, 2017
HT48R003 HOLTEK-HT48R003 Datasheet
5Mb / 71P
Cost-Effective I/O 8-Bit OTP MCU
April 11, 2017
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
Small Package 8-Bit OTP MCU
More results


Similar Description - HT48R006

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
Small Package 8-Bit OTP MCU
December 15, 2009
HT46R01A HOLTEK-HT46R01A Datasheet
462Kb / 58P
Small Package A/D Type 8-Bit OTP MCU
August 13, 2008
HT48R01A HOLTEK-HT48R01A Datasheet
401Kb / 49P
Small Package I/O Type 8-Bit OTP MCU
August 4, 2008
HT46R01B HOLTEK-HT46R01B_10 Datasheet
427Kb / 71P
Small Package 8-Bit OTP MCU
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
2.4GHz Transceiver 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
Small Package 8-Bit OTP MCU
June 9, 2011
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
Small Package 8-Bit OTP MCU
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
HT46R01C HOLTEK-HT46R01C Datasheet
534Kb / 14P
Small Form 8-Bit OTP MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com