Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R065 Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT46R065
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R065 Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT46R065 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 53Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 54Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 55Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 56Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 99 page
background image
HT46R064/065/066/0662/067
Rev. 1.10
53
June 9, 2009
· ADRH, ADRL Register
ADRH
ADRL
Bit
7654321076543210
Name
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
¾¾¾¾
R/W
RRRRRRRRRRRR
¾¾¾¾
POR
xxxxxxxxxxxx
¾¾¾¾
²x² unknown
unimplemented, read as
²0²
D11~D0: ADC conversion data
· ADCR Register
Bit
76543210
Name
START
EOCB
PCR2
PCR1
PCR0
ACS2
ACS1
ACS0
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
POR
01000000
Bit 7
START: Start the A/D conversion
0
®1®0 : start
0
®1
: reset the A/D converter and set EOCB to
²1²
Bit 6
EOCB: End of A/D conversion flag
0: A/D conversion ended
1: A/D conversion in progress
Bit 5~3
PCR2~PCR0: A/D channel configuration
For HT46R064/065
000 A/D channel all off - ADC module power down
001 PA0 enabled as AN0
010 PA0~PA1 enabled as AN0~AN1
011 PA0~PA2 enabled as AN0~AN2
1xx PA0~PA3 enabled as AN0~AN3
For HT46R066/0662/067
000 A/D channel all off - ADC module power down
001 PA0 enabled as AN0
010 PA0~PA1 enabled as AN0~AN1
011 PA0~PA2 enabled as AN0~AN2
100 PA0~PA3 enabled as AN0~AN3
101 PA0~PA3,PC0 enabled as AN0~AN4
110 PA0~PA3,PC0,PC1 enabled as AN0~AN5
111 PA0~PA3,PC0,PC1,PC6,PC7 enabled as AN0~AN7
Bit 2~0
ACS2~ACS0: Select A/D channel
For HT46R064/065
000 AN0
001 AN1
010 AN2
011 AN3
1xx undefined, can
¢t be used
For HT46R066/0662/067
000 AN0
001 AN1
010 AN2
011 AN3
100 AN4
101 AN5
110 AN6
111 AN7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com