Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R065 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT46R065
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R065 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT46R065 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
HT46R064/065/066/0662/067
Rev. 1.10
39
June 9, 2009
· PFD Output
The PFD function output is pin-shared with an I/O pin.
The output function of this pin is chosen using the
CTRL0 register. Note that the corresponding bit of
the port control register, must setup the pin as an
output to enable the PFD output. If the port control
register has setup the pin as an input, then the pin will
function as a normal logic input with the usual
pull-high selection, even if the PFD function has been
selected.
· PWM Outputs
The PWM function whose outputs are pin-shared with
I/O pins. The PWM output functions are chosen using
the CTRL0 and CTRL2 registers. Note that the corre-
sponding bit of the port control registers, for the output
pin, must setup the pin as an output to enable the
PWM output. If the pins are setup as inputs, then the
pin will function as a normal logic input with the usual
pull-high selections, even if the PWM registers have
enabled the PWM function.
· SCOM Driver Pins
Pins PB0~PB3 on Port B can be used as LCD COM
driver pins. This function is controlled using the
SCOMC register which will generate the necessary
1/2 bias signals on these four pins.
· A/D Inputs
Each device in this series has either four or eight in-
puts to the A/D converter. All of these analog inputs
are pin-shared with I/O pins. If these pins are to be
used as A/D inputs and not as I/O pins then the corre-
sponding PCRn bits in the A/D converter control regis-
ter, ADCR, must be properly setup. There are no
configuration options associated with the A/D con-
verter. If chosen as I/O pins, then full pull-high resistor
configuration options remain, however if used as A/D
inputs then any pull-high resistor configuration options
associated with these pins will be automatically dis-
connected.
Pin Remapping Configuration
-
HT46R066/HT46R0662/HT46R067
The pin remapping function enables the function pins
INT, TC0 and PFD to be located on different port pins. It
is important not to confuse the Pin Remapping function
with the Pin-shared function, these two functions have
no interdependence.
The PCFG bit in the CTRL0 register allows the three
function pins INT, TC0 and PFD to be remapped to dif-
ferent port pins. After power up, this bit will be reset to
zero, which will define the default port pins to which
these three functions will be mapped. Changing this bit
will move the functions to other port pins.
Examination of the pin names on the package diagrams
will reveal that some pin function names are repeated,
this indicates a function pin that can be remapped to
other port pins. If the pin name is bracketed then this in-
dicates its alternative location. Pin names without brack-
ets indicates its default location which is the condition
after Power-on.
PCFG Bit Status
PCFG Bit
0
1
Pin Mapping
INT/PA3
TC0/PA2
PFD/PA1
[INT]/PB5
[TC0]/PB4
[PFD]/PB3
Pin Remapping
I/O Pin Structures
The diagrams illustrate the I/O pin internal structures. As
the exact logical construction of the I/O pin may differ
from these drawings, they are supplied as a guide only
to assist with the functional understanding of the I/O
pins.
V D D
M
U
X
W a k e - u p S e l e c t
S y s t e m W a k e - u p
R e a d D a t a R e g i s t e r
D
Q
C K
S
D
Q
C K
S
C o n t r o l B i t
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
I / O p i n
Q
Q
P A o n l y
W e a k
P u l l - u p
P u l l - H i g h
S e l e c t
Generic Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com