Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2F7JSTNN Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTL2F7JSTNN
Description  Property of Lite-On Only
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2F7JSTNN Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTL2F7JSTNN Datasheet HTML 1Page - Lite-On Technology Corporation LTL2F7JSTNN Datasheet HTML 2Page - Lite-On Technology Corporation LTL2F7JSTNN Datasheet HTML 3Page - Lite-On Technology Corporation LTL2F7JSTNN Datasheet HTML 4Page - Lite-On Technology Corporation LTL2F7JSTNN Datasheet HTML 5Page - Lite-On Technology Corporation LTL2F7JSTNN Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
  
       
General Purpose
Features
! T-1(3mm) and T-1 3/4(5mm) General Purpose LED Lamps.
! Low Power Consumption.
! High Luminous Intensity Output.
! Tinted Lens Options.
! Variety Of Colors.
! High Efficiency.
Description
This family 3mm and 5mm LED lamps are standard designed for applications requiring higher intensity level.
The source color devices are made with Aluminum Indium Gallium Phosphide(AlInGaP) on Gallium Arsenide
light emitting diode.
Application
! General Purpose.
! Indicator Lights.
Devices
Part No. (LTL)
Lens
Source Color
1CHJDTNN / 2F7JDTNN
Red Transparent
AlInGap Hyper Red
1CHJRTNN / 2F7JRTNN
Red Transparent
AlInGap Super Red
1CHJETNN / 2F7JETNN
Red Transparent
AlInGap Red
1CHJFTNN / 2F7JFTNN
Amber Transparent
AlInGap Yellow Orange
1CHJYTNN / 2F7JYTNN
Yellow Transparent
AlInGap Amber Yellow
1CHJSTNN / 2F7JSTNN
Yellow Transparent
AlInGap Yellow
1CHJGTNN / 2F7JGTNN
Green Transparent
AlInGap Green
   
 
  ! "#
LTL1CHJxTNN
LTL2F7JxTNN
45 degree
45 degree


Similar Part No. - LTL2F7JSTNN

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL2F7JSDNN LITEON-LTL2F7JSDNN Datasheet
214Kb / 7P
Property of Lite-On Only
More results

Similar Description - LTL2F7JSTNN

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com