Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2F7JSTNN Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTL2F7JSTNN
Description  Property of Lite-On Only
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2F7JSTNN Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTL2F7JSTNN Datasheet HTML 1Page - Lite-On Technology Corporation LTL2F7JSTNN Datasheet HTML 2Page - Lite-On Technology Corporation LTL2F7JSTNN Datasheet HTML 3Page - Lite-On Technology Corporation LTL2F7JSTNN Datasheet HTML 4Page - Lite-On Technology Corporation LTL2F7JSTNN Datasheet HTML 5Page - Lite-On Technology Corporation LTL2F7JSTNN Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
  
       
Electrical / Optical Characteristics at TA=25



 (F Series)
Parameter
Symbol
Part No. (LTL)
Min.
Typ.
Max.
Unit
Test Condition
1CHJDTNN
65
120
1CHJRTNN
65
140
1CHJETNN
65
180
1CHJFTNN
65
180
1CHJYTNN
65
180
1CHJSTNN
65
180
Luminous
Intensity
Iv
1CHJGTNN
65
180
mcd
IF = 20mA
Note 1
Note 2
Viewing Angle
2
θ1/2
45
deg
Note 3 (Fig.5)
1CHJDTNN
650
1CHJRTNN
639
1CHJETNN
632
1CHJFTNN
611
1CHJYTNN
595
1CHJSTNN
588
Peak Emission
Wavelength
λP
1CHJGTNN
575
nm
Measurement
@ peak (Fig.1)
1CHJDTNN
639
1CHJRTNN
632
1CHJETNN
624
1CHJFTNN
605
1CHJYTNN
592
1CHJSTNN
587
Dominant
Wavelength
λd
1CHJGTNN
572
Nm
Note 5
1CHJDTNN
20
1CHJRTNN
20
1CHJETNN
20
1CHJFTNN
17
1CHJYTNN
15
1CHJSTNN
15
Spectral Line
Half-Width
∆λ
1CHJGTNN
15
Nm
1CHJDTNN
2.0
2.4
1CHJRTNN
2.0
2.3
1CHJETNN
2.05
2.4
1CHJFTNN
2.05
2.4
1CHJYTNN
2.05
2.4
1CHJSTNN
2.05
2.4
Forward Voltage
VF
1CHJGTNN
2.05
2.4
V
IF = 20mA
Reverse Current
IR
100
µA
VR = 5V
Capacitance
C
40
pF
VF = 0, f = 1 MHz
NOTES:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. Luminous intensity rank classified products support two ranks.
3.
θ 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
4. Iv classification code is marked on each packing bag.
5. The dominant wavelength,
λd is derived from the CIE chromaticity diagram and represents the single wavelength which
defines the color of the device.
   
#

  ! "#



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com