Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2F7JFDNN Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTL2F7JFDNN
Description  Property of Lite-On Only
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2F7JFDNN Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTL2F7JFDNN Datasheet HTML 1Page - Lite-On Technology Corporation LTL2F7JFDNN Datasheet HTML 2Page - Lite-On Technology Corporation LTL2F7JFDNN Datasheet HTML 3Page - Lite-On Technology Corporation LTL2F7JFDNN Datasheet HTML 4Page - Lite-On Technology Corporation LTL2F7JFDNN Datasheet HTML 5Page - Lite-On Technology Corporation LTL2F7JFDNN Datasheet HTML 6Page - Lite-On Technology Corporation LTL2F7JFDNN Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
  
       

 
 
 
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
 

   !"



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com