Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2F7JFDNN Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTL2F7JFDNN
Description  Property of Lite-On Only
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2F7JFDNN Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTL2F7JFDNN Datasheet HTML 1Page - Lite-On Technology Corporation LTL2F7JFDNN Datasheet HTML 2Page - Lite-On Technology Corporation LTL2F7JFDNN Datasheet HTML 3Page - Lite-On Technology Corporation LTL2F7JFDNN Datasheet HTML 4Page - Lite-On Technology Corporation LTL2F7JFDNN Datasheet HTML 5Page - Lite-On Technology Corporation LTL2F7JFDNN Datasheet HTML 6Page - Lite-On Technology Corporation LTL2F7JFDNN Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
  
       
Electrical / Optical Characteristics at TA=25



 (F Series)
Parameter
Symbol
Part No. (LTL)
Min.
Typ.
Max.
Unit
Test Condition
1CHJDDNN
3.0
5.0
1CHJRDNN
3.0
5.6
1CHJEDNN
3.0
7.2
1CHJFDNN
3.0
7.2
1CHJYDNN
3.0
7.2
1CHJSDNN
3.0
7.2
Luminous
Intensity
Iv
1CHJGDNN
3.0
7.2
mcd
IF = 2mA
Note 1
Note 2
Viewing Angle
2
θ1/2
60
deg
Note 3 (Fig.5)
1CHJDDNN
650
1CHJRDNN
639
1CHJEDNN
632
1CHJFDNN
611
1CHJYDNN
595
1CHJSDNN
588
Peak Emission
Wavelength
λP
1CHJGDNN
575
nm
Measurement
@ peak (Fig.1)
1CHJDDNN
639
1CHJRDNN
632
1CHJEDNN
624
1CHJFDNN
605
1CHJYDNN
592
1CHJSDNN
587
Dominant
Wavelength
λd
1CHJGDNN
572
nm
Note 5
1CHJDDNN
20
1CHJRDNN
20
1CHJEDNN
20
1CHJFDNN
17
1CHJYDNN
15
1CHJSDNN
15
Spectral Line
Half-Width
∆λ
1CHJGDNN
15
nm
1CHJDDNN
1.8
2.4
1CHJRDNN
1.8
2.3
1CHJEDNN
1.8
2.4
1CHJFDNN
1.8
2.4
1CHJYDNN
1.8
2.4
1CHJSDNN
1.8
2.4
Forward Voltage
VF
1CHJGDNN
1.8
2.4
V
IF = 2mA
Reverse Current
IR
100
µA
VR = 5V
Capacitance
C
40
pF
VF = 0, f = 1 MHz
NOTES:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. Luminous intensity rank classified products support two ranks.
3.
θ 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
4. Iv classification code is marked on each packing bag.
5. The dominant wavelength,
λd is derived from the CIE chromaticity diagram and represents the single wavelength which
defines the color of the device.
 
"

   !"



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com