Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B10 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT86B10
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B10 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT86B10 Datasheet HTML 16Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 17Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 18Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 19Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 20Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 21Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 22Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 23Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 79 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz/8MHz
2.2
¾
5.5
V
fSYS=4MHz
for HT86B90 only
2.2
¾
5.5
V
fSYS=8MHz
for HT86B90 only
3.3
¾
5.5
V
IDD
Operating Current
3V
No load, fSYS=4MHz,
DAC/PWM disable
¾¾
1.5
mA
5V
¾¾
5mA
3V
No load, fSYS=8MHz,
DAC/PWM disable
¾¾
3mA
5V
¾¾
7mA
ISTB1
Standby Current (WDT Off)
3V
No load, system HALT
WDT disable
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current (WDT On)
3V
No load, system HALT
WDT enable
¾¾
7
mA
5V
¾¾
10
mA
VIL1
Input Low Voltage for I/O Ports
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VIL3
Input Low Voltage for EXT INT
¾¾
0
¾
0.3VDD
V
VIH3
Input High Voltage for EXT INT
¾¾
0.7VDD
¾
VDD
V
VLVR
Low Voltage Reset
¾ LVR 2.2V option
2.1
2.2
2.3
V
IOL1
I/O Port Sink Current
3V
VOL=0.1VDD
4
¾¾
mA
5V
10
¾¾
mA
IOH1
I/O Port Source Current
3V
VOH=0.9VDD
-2
¾¾
mA
5V
-5
¾¾
mA
IOL2
RC and CC Sink Current
3V
VOL=0.1VDD
4
¾¾
mA
5V
10
¾¾
mA
IOH2
RC and CC Source Current
3V
VOH=0.9VDD
-2
¾¾
mA
5V
-5
¾¾
mA
IOL3
PWM1/PWM2 Sink Current
3V
VOL=0.1VDD
50
¾¾
mA
5V
80
¾¾
mA
IOH3
PWM1/PWM2 Source Current
3V
VOH=0.9VDD
-14.5
¾¾
mA
5V
-26
¾¾
mA
IAUD
AUD Source Current
3V
VOH=0.9VDD
-1.5
¾¾
mA
5V
-3
¾¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
HT86BXX/HT86BRXX
Rev. 1.60
20
October 20, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com