Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B10 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT86B10
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B10 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT86B10 Datasheet HTML 29Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 30Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 31Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 32Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 33Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 34Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 35Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 36Page - Holtek Semiconductor Inc HT86B10 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
HT86BXX/HT86BRXX
Rev. 1.60
33
October 20, 2009
Input/Output Ports
Holtek microcontrollers offer considerable flexibility on
their I/O ports. With the input or output designation of ev-
ery pin fully under user program control, pull-high op-
tions for all ports and wake-up options on certain pins,
the user is provided with an I/O structure to meet the
needs of a wide range of application possibilities.
Depending upon which device or package is chosen,
the microcontroller range provides from 16 to 24
bidirectional input/output lines labeled with port names
PA, PB, PD, etc. These I/O ports are mapped to the Data
Memory with specific addresses as shown in the Special
Purpose Data Memory table. All of these I/O ports can
be used for input and output operations. For input oper-
ation, these ports are non-latching, which means the in-
puts must be ready at the T2 rising edge of instruction
²MOV A,[m]², where m denotes the port address. For
output operation, all the data is latched and remains un-
changed until the output latch is rewritten.
Pull-high Resistors
Many product applications require pull-high resistors for
their switch inputs usually requiring the use of an exter-
nal resistor. To eliminate the need for these external re-
sistors, all I/O pins, when configured as an input have
the capability of being connected to an internal pull-high
resistor. These pull-high resistors are selectable via
configuration options and are implemented using a
weak PMOS transistor. Note that if the pull-high option
is selected, then all I/O pins on that port will be con-
nected to pull-high resistors, individual pins can be se-
lected for pull-high resistor options.
Port A Wake-up
Each device has a HALT instruction enabling the
microcontroller to enter a Power Down Mode and pre-
serve power, a feature that is important for battery and
other low-power applications. Various methods exist to
wake-up the microcontroller, one of which is to change
the logic condition on one of the Port A pins from high to
low. After a
²HALT² instruction forces the microcontroller
into entering a HALT condition, the processor will re-
main idle or in a low-power state until the logic condition
of the selected wake-up pin on Port A changes from high
to low. This function is especially suitable for applica-
tions that can be woken up via external switches. Note
that each pin on Port A can be selected individually to
have this wake-up feature.
I/O Port Control Registers
Each I/O port has its own control register PAC, PBC,
PDC, etc., to control the input/output configuration. With
this control register, each CMOS output or input with or
without pull-high resistor structures can be reconfigured
dynamically under software control. Each pin of the I/O
ports is directly mapped to a bit in its associated port
control register. For the I/O pin to function as an input,
the corresponding bit of the control register must be writ-
ten as a
²1². This will then allow the logic state of the in-
put pin to be directly read by instructions. When the
corresponding bit of the control register is written as a
²0², the I/O pin will be setup as a CMOS output. If the pin
is currently setup as an output, instructions can still be
used to read the output register. However, it should be
noted that the program will in fact only read the status of
the output data latch and not the actual logic status of
the output pin.
Pin-shared Functions
The flexibility of the microcontroller range is greatly en-
hanced by the use of pins that have more than one func-
tion. Limited numbers of pins can force serious design
constraints on designers but by supplying pins with
multi-functions, many of these difficulties can be over-
come. For some pins, the chosen function of the
multi-function I/O pins is set by configuration options
while for others the function is set by application pro-
gram control.
· Analog Switch
For the HT86B40, HT86B50, HT86B60, HT86BR60,
HT86B70, HT86B80 and HT86B90 devices, pins
PB0~PB7 are pin-shared with analog switch pins K0
to K7. The choice of which function is used is selected
using configuration options and remains fixed after
the device is programmed.
· External RC Oscillator Converter
For the HT86B40, HT86B50, HT86B60, HT86BR60,
HT86B70, HT86B80 and HT86B90 devices, pins
PD4~PD7 are pin-shared with external oscillator con-
verter pins RCOUT, RR, RC and CC. The external RC
oscillator converter function is selected via a configu-
ration option and remains fixed after the device is pro-
grammed.
· I/O Pin Structures
The following diagrams illustrate the I/O pin internal
structures. As the exact logical construction of the I/O
pin may differ from these drawings, they are supplied
as a guide only to assist with the functional under-
standing of the I/O pins. Note also that the specified
pins refer to the largest device package, therefore not
all pins specified will exist on all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com