Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B20 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT86B20
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B20 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT86B20 Datasheet HTML 48Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 49Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 50Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 51Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 52Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 53Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 54Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 55Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 79 page
background image
HT86BXX/HT86BRXX
Rev. 1.60
52
October 20, 2009
External RC Oscillation Converter
An external RC oscillation converter is implemented in
certain devices and is a function which allows analog
switch functions to be implemented. When used in con-
junction with the Analog Switch function up to eight
C/R-F can be implemented.
External RC Oscillation Converter Operation
The RC oscillation converter is composed of two 16-bit
count-up programmable timers. One is Timer 2, de-
scribed in the Timer section and the other is an addi-
tional counter known as Timer 4. The RC oscillation
converter is enabled when the RCO bit, which is bit 1 of
the RCOCR register, is set high. The RC oscillation con-
verter will then be composed of four registers, TMR2L,
TMR2H, TMR4L and TMR4H. The Timer 2 clock source
comes from the system clock or from the system
clock/4, the choice of which is determined by bits in the
RCOCCR register. The RC oscillation converter Timer 4
clock source comes from an external RC oscillator. As
the oscillation frequency is dependent upon external ca-
pacitance and resistance values, it can therefore be
used to detect the increased capacitance of a analog
switch pad.
There are six registers related to the RC oscillation con-
verter. These are, TMR2H, TMR2L, RCOCCR, TMR4H,
TMR4L and RCOCR. The internal timer clock is the in-
put clock source for TMR2H and TMR2L, while the ex-
ternal RC oscillator is the clock source input to TMR4H
and TMR4L. The OVB bit, which is bit 0 of the RCOCR
register, decides whether the timer interrupt is sourced
from either the Timer 2 overflows or Timer 4 overflow.
When a timer overflow occurs, the T2F bit is set and an
external RC oscillation converter interrupt occurs. When
the RC oscillation converter Timer 2 or Timer 4 over-
flows, the RCOCON bit is automatically reset to zero
and stops counting.
The resistor and capacitor form an oscillation circuit and
input to TMR4H and TMR4L. The RCOM0, RCOM1 and
RCOM2 bits of RCOCCR define the clock source of
Timer 2.
When the RCOCON bit, which is bit 4 of the RCOCCR
register, is set high, Timer 2 and Timer 4 will start count-
ing until Timer 2 or Timer 4 overflows. Now the timer
counter will generate an interrupt request flag which is
bit T2F, bit 4 of the INTCH register. Both Timer 2 and
Timer 4 will then stop counting and the RCOCON bit will
automatically be reset to "0" at the same time. Note that
if the RCOCON bit is high, the TMR2H, TMR2L, TMR4H
and TMR4L registers cannot be read or written to.
R C O C C R R e g i s t e r
b 7
b 0
U n d e f i n e d , r e a d a s z e r o
R C O M 2 R C O M 1 R C O M 0 R C O C O N
R C O s c i l l a t o r C o n v e r t e r E n a b l e
1 : E n a b l e
0 : D i s a b l e
T i m e r 2 C l o c k S o u r c e S e l e c t
R C O M 2
0
0
0
:
1
R C O M 1
0
0
1
:
1
R C O M 0
0
1
0
:
1
f S Y S
f S Y S / 4
:
:
U n d e f i n e d
RCOCCR Register
R C O C R R e g i s t e r
I n t e r r u p t S o u r c e S e l e c t
1 : T i m e r 4 o v e r f l o w
0 : T i m e r 2 o v e r f l o w
R C C o n v e r t e r M o d e
1 : E n a b l e
0 : D i s a b l e
b 7
b 0
U n d e f i n e d , r e a d a s z e r o
R C O
O V B
RCOCR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com