Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B20 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT86B20
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B20 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT86B20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 14Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 15Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 16Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 17Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 18Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 19Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 20Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
HT86B90
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-1661.900
-2222.900
22
-433.555
-3201.900
2
-1661.900
-2317.900
23
-330.555
-3201.900
3
-1661.900
-2420.900
24
-235.555
-3201.900
4
-1661.900
-2515.900
25
-133.355
-3201.900
5
-1661.900
-2618.900
26
-35.365
-3201.900
6
-1661.900
-2713.900
27
64.640
-3201.900
7
-1661.900
-2816.900
28
167.640
-3201.900
8
-1661.900
-2911.900
29
329.595
-3207.150
9
-1661.900
-3014.900
30
403.595
-3207.150
10
-1661.900
-3109.900
31
477.595
-3207.150
11
-1661.900
-3212.900
32
551.595
-3207.150
12
-1421.755
-3201.900
33
1656.900
-3204.995
13
-1326.755
-3201.900
34
1493.095
-2859.695
14
-1223.755
-3201.900
35
1573.595
-2967.795
15
-1128.755
-3201.900
36
1656.900
-3109.995
16
-1025.755
-3201.900
37
1493.095
-2749.845
17
-930.755
-3201.900
38
1621.410
-2654.245
18
-827.755
-3201.900
39
1621.410
-2520.895
19
-732.755
-3201.900
40
1621.410
-2310.395
20
-629.755
-3201.900
41
1621.410
-2190.845
21
-534.755
-3201.900
Pin Description
HT86B05/HT86B10/HT86B20/HT86B30/HT86BR10/HT86BR30
Pad Name
I/O
Options
Description
PA0~PA7
I/O
Wake-up,
Pull-high
or None
Bi-directional 8-bit I/O port. Software instructions determined the CMOS out-
put or Schmitt trigger with a pull-high resistor (determined by option).
PB0~PB7
I/O
Pull-high
or None
Bi-directional 8-bit I/O port. Software instructions determined the CMOS out-
put or Schmitt trigger with a pull-high resistor (determined by option).
AUD
O
¾
Audio output for driving an external transistor or for driving HT82V733
PWM1
PWM2
O
¾
Audio PWM outputs
RES
I
¾
Schmitt trigger reset input. Active low.
INT
I
Falling Edge
Trigger or
Falling/Rising
Edge Trigger
External interrupt Schmitt trigger input without pull-high resistor. A configura-
tion option determines if the interrupt active edge is a falling edge only or both
a falling and rising edge. Falling edge triggered active on a high to low transi-
tion. Rising edge triggered active on a low to high transition. Input voltage is
the same as operating voltage.
OSC1
OSC2
¾
Crystal or RC
OSC1, OSC2 are connected to an external RC network or external crystal,
determined by configuration option, for the internal system clock. If the RC
system clock option is selected, pin OSC2 can be used to measure the sys-
tem clock at 1/4 frequency.
VDD
¾¾
Positive digital power supply
VSS
¾¾
Negative digital power supply, ground.
VDDA
¾¾
Positive DAC circuit power supply
VSSA
¾¾
Negative DAC circuit power supply, ground.
HT86BXX/HT86BRXX
Rev. 1.60
17
October 20, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com