Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B40 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT86B40
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B40 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT86B40 Datasheet HTML 47Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 48Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 49Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 50Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 51Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 52Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 53Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 54Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 79 page
background image
HT86BXX/HT86BRXX
Rev. 1.60
51
October 20, 2009
Example: Read an 8-bit voice ROM data which is located at address 000007H by address latch 0
Set
[26H].2
; Enable voice ROM circuit
mov
A, 07H
;
mov
LATCH0L, A
; Set LATCH0L to 07H
mov
A, 00H
;
mov
LATCH0M, A
; Set LATCH0M to 00H
mov
A, 00H
;
mov
LATCH0H, A
; Set LATCH0H to 00H
call
Delay
; Delay a short period of time
mov
A, LATCHD
; Get voice data at 000007H
Pulse Width Modulation Output
All device include a single 12-bit PWM function. The
PWM output is provided on two complimentary outputs
on the PWM1 and PWM2 pins. These two pins can di-
rectly drive a piezo buzzer or an 8 ohm speaker without
requiring any external components. The PWM1 output
can also be used alone to drive a piezo buzzer or an 8
ohm speaker without requiring external components.
When the single PWM1 output is chosen, which is
achieved by setting the Single_PWM bit in the PWMC
register.
The PWM output will initially be at a low level, and if
stopped will also return to a low level. If the PWMCC bit
changes from low to high then the PWM function will
start and latch new data. If the data is not updated then
the old value will remain. If the PWMCC bit changes
from high to low, at the end of the duty cycle, the PWM
output will stop.
P W M C R e g i s t e r
b 0
P W M C C
S i n g l e _ P W M
b 7
N o t i m p l e m e n t e d , r e a d a s z e r o
P W M E n a b l e
1 : e n a b l e
0 : d i s a b l e
S i n g l e P W M O u t p u t
1 : s i n g l e o u t p u t
0 : d u a l o u t p u t s
N o t i m p l e m e n t e d , r e a d a s z e r o
Pulse Width Modulator Control Register
P W M L R e g i s t e r
b 7
b 0
N o t u s e d , r e a d a s " 0 "
P 3
P 2
P 1
P 0
P W M o u t p u t
P u l s e W i d t h M o d u l a t o r D a t a L o w R e g i s t e r
P W M H R e g i s t e r
b 7
b 0
P 1 1 P 1 0
P 9
P 8
P W M o u t p u t
P u l s e W i d t h M o d u l a t o r D a t a H i g h R e g i s t e r
P 7
P 6
P 5
P 4
S p e a k e r
P W M 1
P W M 2
0 . 0 1 m F *
0 . 0 1 m F *
" * " F o r r e d u c i n g t h e d i g i t a l n o i s e t h a t P W M m a y
c a u s e , c a n c o n s i d e r i n c r e m e n t c a p a c i t o r s .
N o t e :
b 7
b 0
V O L R e g i s t e r
N o t u s e d , r e a d a s " 0 "
P W M v o l u m e c o n t r o l d a t a
V O L 3
V O L 4
V O L 5
V O L 6
U s e d b y D A o u t p u t
V O L 6
0
0
0
0
0
0
0
1
V O L 5
0
0
0
1
1
1
1
x
V O L 4
0
1
1
0
0
1
1
x
V O L 3
1
0
1
0
1
0
1
x
P W M v o l u m e l e v e l 1 f o r t h e m i n i m u m v o l u m e
P W M v o l u m e l e v e l 2
P W M v o l u m e l e v e l 3
P W M v o l u m e l e v e l 4
P W M v o l u m e l e v e l 5
P W M v o l u m e l e v e l 6
P W M v o l u m e l e v e l 7
P W M v o l u m e l e v e l 8 f o r t h e m a x i m u m v o l u m e
Volume Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com