Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86B40 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT86B40
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B40 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT86B40 Datasheet HTML 31Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 32Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 33Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 34Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 35Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 36Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 37Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 38Page - Holtek Semiconductor Inc HT86B40 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
HT86BXX/HT86BRXX
Rev. 1.60
35
October 20, 2009
Programming Considerations
Within the user program, one of the first things to con-
sider is port initialization. After a reset, all of the I/O data
and port control registers will be set high. This means
that all I/O pins will default to an input state, the level of
which depends on the other connected circuitry and
whether pull-high options have been selected. If the port
control registers, PAC, PBC, PDC, etc., are then pro-
grammed to setup some pins as outputs, these output
pins will have an initial high output value unless the as-
sociated port data registers, PA, PB, PD, etc., are first
programmed. Selecting which pins are inputs and which
are outputs can be achieved byte-wide by loading the
correct values into the appropriate port control register
or by programming individual bits in the port control reg-
ister using the
²SET [m].i² and ²CLR [m].i² instructions.
Note that when using these bit control instructions, a
read-modify-write operation takes place. The
microcontroller must first read in the data on the entire
port, modify it to the required new bit values and then re-
write this data back to the output ports.
Port A has the additional capability of providing wake-up
functions. When the device is in the Power Down Mode,
various methods are available to wake the device up.
One of these is a high to low transition of any of the Port
A pins. Single or multiple pins on Port A can be setup to
have this function.
Timers
The provision of timers form an important part of any
microcontroller, giving the designer a means of carrying
out time related functions. The devices in the Voice Type
MCU series contain either three or four count up timers
of either 8 or 16-bit capacity depending upon which de-
vice is selected. The provision of an internal prescaler to
the clock circuitry of some of the timer gives added
range to the timer.
There is single type of register related to the Timer. The
first is the register that contains the actual value of the
timer and into which an initial value can be preloaded.
Reading from this register retrieves the contents of the
Timer. All devices can have the timer clock configured to
come from the internal clock source. The accompanying
table lists the associated timer register names.
HT86B05
HT86B10
HT86BR10
HT86B20
HT86B30
HT86BR30
HT86B40
HT86B50
HT86B60
HT86BR60
HT86B70
HT86B80
HT86B90
No. of 8-bit Timers
33
Timer Register Name
TMR0
TMR1
TMR3
TMR0
TMR1
TMR3
Timer Control Register
TMR0C
TMR1C
TMR3C
TMR0C
TMR1C
TMR3C
No. of 16-bit Timers
¾
1
Timer Register Name
¾
TMR2L
TMR2H
Timer Control Register
¾
TMR2C
Configuring the Timer Input Clock Source
The clock source for the 8-bit timers is the system clock
divided by four while the 16-bit timer has a choice of ei-
ther the system clock or the system clock divided by
four. The 8-bit timer clock source is also first divided by
the division ratio of which is conditioned by the three
lower bits of the associated timer control register.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
W r i t e t o P o r t
R e a d f r o m P o r t
S y s t e m C l o c k
P o r t D a t a
Read/Write Timing
T i m e r M o d e C o n t r o l
T 0 O N
T 1 O N
T 3 O N
P r e l o a d R e g i s t e r
T i m e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
T 3 P S C 2 ~ T 3 P S C 0
T 1 P S C 2 ~ T 1 P S C 0
T 0 P S C 2 ~ T 0 P S C 0
8 - B i t T i m e r
f S Y S / 4
P r e s c a l e r
( 1 / 2 ~ 1 / 2 5 6 )
T 3 T M 1
T 1 T M 1
T 0 T M 1
T 3 T M 0
T 1 T M 0
T 0 T M 0
8-bit Timer Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com