Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7936B Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7936B
Description  White LED Step-up Charge Pump Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7936B Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7936B Datasheet HTML 1Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 2Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 3Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 4Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 5Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 6Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 7Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 8Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Block Diagram
Pin Assignment
Pin Description
Pin No.
Pin Name
Description
1
VOUT
Regulated Output Voltage. VOUT should be bypassed with a 1
mFto10mF low ESR
ceramic capacitor placed as close as possible to the pin for best performance.
2
GND
Ground. This pin is the voltage reference for the regulator output voltage.
3EN
Device On/Off Control
1: Enable
0: Disable
Pin must not be left floating.
4
C-
Capacitor Negative Pin. Flying capacitor negative terminal.
5
VIN
Input Supply Voltage. VIN should be bypassed with a 1
mFto10mF low ESR ceramic
capacitor.
6
C+
Capacitor Positive Pin. Flying capacitor positive terminal.
HT7936A/HT7936B
Rev 1.00
2
December 28, 2009
V O U T G N D
T o p V i e w
C +
C -
E N
1
2
3
4
6
5
V I N
G N D
E N
V O U T
C +
C -
V I N
V R E F
1 M H z O S C
S h o r t C i r c u i t
P r o t e c i o n
M 1
M 2
M 4
M 3
N o t e :
C o n t r o l
D u r i n g o p e r a t i o n t h e f o l l o w i n g s e q u e n c e o c c u r s :
1 . M 1 , M 3 O n / M 2 , M 4 O f f
2 . M 2 , M 4 O n / M 1 , M 3 O f f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com