Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7936B Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7936B
Description  White LED Step-up Charge Pump Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7936B Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7936B Datasheet HTML 1Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 2Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 3Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 4Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 5Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 6Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 7Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 8Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings
Input Supply Voltage..................................................6V
Other Pins Voltage ....................................................6V
Operating Temperature Range ...............
-40°Cto85°C
Maximum Junction Temperature..........................125
°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristics
VIN=VEN=3.7V, CIN=CPUMP=COUT=1
mF, Ta=25°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Supply Voltage
HT7936A
2.8
¾
5.0
V
HT7936B
2.8
¾
4.5
V
VOUT
Output Voltage
HT7936A, VIN>3.2V, IO
£110mA
4.80
¾
5.20
V
HT7936B, VIN>3.2V, IO
£140mA
4.32
¾
4.68
V
ISHDN
Shutdown Current
VEN=0
¾
0.1
1.0
mA
IQ
Operation Current
¾¾
2.0
4.0
mA
IO
Output Current
HT7936A
110
¾¾
mA
HT7936B
150
¾¾
mA
ISHORT
Short Circuit Current
¾¾
60
90
mA
ILIMIT
Current Limit
¾¾
370
500
mA
fOSC
Switching Frequency
¾
0.8
1.0
1.3
MHz
VENH
EN Pin Voltage High
2.8V
£ VIN £ 5.0V
1.5
¾¾
V
VENL
EN Pin Voltage Low
2.8V
£ VIN £ 5.0V
¾¾
0.4
V
VRIPPLE
Output Ripple Voltage
IO=60mA, COUT=2.2
mF
¾
30
¾
mV
h
Efficiency
HT7936A, VIN=3.0V, IO=50mA
¾
80
¾
%
HT7936B, VIN=2.8V, IO=70mA
¾
80
¾
%
Note:
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings
indicate conditions for which the device is intended to be functional, but do not guarantee specific performance
limits. The guaranteed specifications apply only for the test conditions listed.
Specifications are production tested at Ta=25
°C. Specifications over -40°Cto+85°C operating temperature
range are assured by design.
HT7936A/HT7936B
Rev 1.00
3
December 28, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com