Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7939 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7939
Description  High Current and Performance White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7939 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7939 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Block Diagram
Pin Assignment
Pin Description
Pin No.
Pin Name
Description
1
SW
Switching pin. Internal power MOSFET drain. Connected to inductor and diode.
2
GND
Signal Ground.
3FB
Feedback pin. Reference voltage. The HT7939 feedback voltage is 200mV. Connect the
sense resistor from FB to GND to set the LED current. Calculate resistor value according to
R
mV
I
FB
LED
=
200
.
4EN
Shutdown & Dimming control input. Don
¢t allow this pin to float.
5
OVP
Over voltage protection pin which is connected to the output.
6
VIN
Input supply pin. The input supply pin for the IC. Connect VIN to a supply voltage between
2.6V~5.5V.
HT7939
Rev 1.10
2
November 3, 2009
S W
G N D
T o p V i e w
V I N
E N
F B
1
2
3
4
6
5
O V P
S O T 2 3 - 6
32V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com