Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7939 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7939
Description  High Current and Performance White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7939 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7939 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings
Input Voltage...........................................................6.0V
SW Voltage..............................................................38V
FB Voltage ..............................................................6.0V
EN ..........................................................................6.0V
OVP Voltage ............................................................38V
Operating Temperature Range .............
-40°Cto+85°C
Storage Temperature Range ..............
-55°C to +150°C
Maximum Junction Temperature........................+150
°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristics
VIN=5V; L=10
mH; Ta=25°C (Unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
¾
2.6
¾
5.5
V
UVLO
Under Voltage Lockout
¾¾
2.4
2.5
V
IIN
Supply Current
Switching
¾
1.0
2.5
mA
VEN=0V
¾
0.1
1.0
mA
Error Amplifier
VFB
Feedback Voltage
¾
190
200
210
mV
Power Switch
fOSC
Switching Frequency
Measurement at SW pin
0.8
1.2
1.6
MHz
DC
Maximum Duty Cycle
85
90
¾
%
RDS(ON)
SW On Resistance
¾¾
0.5
¾W
ISW(OFF)
Switch Leakage Current
¾¾
0.1
1.0
mA
EN Pin
VIH
EN Voltage High
VIN=2.6V~5.5V
2.0
¾¾
V
VIL
EN Voltage Low
VIN=2.6V~5.5V
¾¾
0.8
V
OVP and OCP
VOVP
OVP Threshold
No load
29
32
35
V
IOCP
N-channel MOSFET Current Limit
¾¾
950
¾
mA
Thermal Shutdown
TSHUT
Thermal Shutdown Threshold
¾¾
150
¾°C
Thermal shutdown Hysteresis
¾¾
15
¾°C
HT7939
Rev 1.10
3
November 3, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com