Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9302 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT9302
Description  1-Memory/2-Memory Tone/Pulse Dialer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9302 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT9302 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 33Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Product Tape and Reel Specifications
Reel Dimensions
SOP 16N (150mil)
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
330.0
±1.0
B
Reel Inner Diameter
100.0
±1.5
C
Spindle Hole Diameter
13.0
+0.5/-0.2
D
Key Slit Width
2.0
±0.5
T1
Space Between Flange
16.8
+0.3/-0.2
T2
Reel Thickness
22.2
±0.2
HT9302 Series
Rev. 1.30
31
May 13, 2009
A
C
B
T 1
T 2
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com