Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9302 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9302
Description  1-Memory/2-Memory Tone/Pulse Dialer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9302 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9302 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9302 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Pin Name
I/O
Internal
Connection
Description
DTMF
O
CMOS OUT
This pin is active only when the chip transmits tone dialing signals. Otherwise, it
always outputs a low. The pin outputs tone signals to drive the external trans-
mitter amplifier circuit. The load resistor should not be less than 5k
W.
HDI
I
CMOS IN
Pull-high
This pin is a Schmitt trigger input structure. Active low. Applying a negative go-
ing pulse to this pin can toggle the HDO output once.
An external RC network is recommended for input debouncing. The Pull-high
resistance is 200k
W typ.
HDO
O
CMOS OUT
The HDO is a CMOS output structure. Its output is toggle- controlled by a nega-
tive transition on HDI. When HDO is toggled high, PO keeps high to hold the
line. The hold function can be released by setting HFO high or by an on-off hook
operation or by another HDI input. Refer to the functional description for the
hold-line function.
HFI
I
CMOS IN
Pull-low
This pin is a Schmitt trigger input structure. Active high. Applying a positive go-
ing pulse to HFI can toggle the HFO once and hence control the hand-free func-
tion. The Pull-low resistance of HFI is 200k
W typ.
An external RC network is recommended for input debouncing.
HFO
O
CMOS OUT
The HFO is a CMOS output structure. Its output is toggle- controlled by a posi-
tive transition on HFI pin. When HFO is high, the hand-free function is enabled
and PO outputs a high to connect the line.
The hand-free function can be released by setting HDO high or by an on-off-hook
operation or by another HFI input. Refer to the functional description for the
hand-free functional operation.
LOCK
I/O
CMOS IN/OUT
This is a three-state input/output pin, used for controlling long distance call
function with a lock-switch.
LOCK=OPEN: Normal dialing (no lock)
LOCK=VDD:
²0, 9² is inhibited for use as the first key input
LOCK=VSS:
²0² is inhibited for use as the first key input
DOUT
O
NMOS OUT
NMOS open drain output pin. It outputs the BCD code of the dialing digits to the
LCD driver chip (HT16XX series) or MCU for dialing number display. Refer to
the functional description for the detailed timing.
CLOCK
O
NMOS OUT
NMOS open drain output. When dialing, it outputs a series of pulse trains for
DOUT data synchronization. DOUT data is valid at the falling edge of clock.
VDD
¾¾
Positive power supply, 2.0V~5.5V for normal operation
VSS
¾¾
Negative power supply, ground
Approximate internal connection circuits
HT9302 Series
Rev. 1.30
4
May 13, 2009
N M O S O U T
V D D
C M O S I N / O U T
C M O S I N
P u l l - l o w
C M O S I N
P u l l - h i g h
C M O S I N
O S C I L L A T O R
X 1
X 2
1 0 M W
2 0 p F
1 0 p F
C M O S O U T
V D D
V D D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com