Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535ECVTAQG Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC8535ECVTAQG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535ECVTAQG Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC8535ECVTAQG Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8535ECVTAQG Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8535ECVTAQG Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8535ECVTAQG Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8535ECVTAQG Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8535ECVTAQG Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8535ECVTAQG Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8535ECVTAQG Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8535ECVTAQG Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Enhanced Secure Digital Host Controller (eSDHC)
Freescale Semiconductor
74
Figure 42. Local Bus Signals, GPCM/UPM Signals for LCRR[CLKDIV] = 8 or 16(PLL Enabled)
2.13
Enhanced Secure Digital Host Controller (eSDHC)
This section describes the DC and AC electrical specifications for the eSDHC interface of the MPC8535E.
2.13.1
eSDHC DC Electrical Characteristics
Table 55 provides the DC electrical characteristics for the eSDHC interface of the MPC8535E.
Table 55. eSDHC interface DC Electrical Characteristics
At recommended operating conditions (see Table 3)
Characteristic
Symbol
Condition
Min
Max
Unit
Notes
Input high voltage
VIH
—
0.625 * OVDD
OVDD+0.3
V
—
Input low voltage
VIL
—
–0.3
0.25 * OVDD
V
—
Input/Output leakage current
IIN/IOZ
—
–10
10
uA—
Output high voltage
VOH
IOH = -100 uA @OVDDmin 0.75 * OVDD
—
V
—
LSYNC_IN
UPM Mode Input Signal:
LUPWAIT
tLBIXKH2
tLBIVKH2
tLBIVKH1
tLBIXKH1
tLBKHOZ1
T1
T3
UPM Mode Output Signals:
GPCM Mode Output Signals:
tLBKHOV1
tLBKHOV1
tLBKHOZ1
T2
T4
Input Signals:
LAD[0:31]/LDP[0:3]
(PLL Bypass Mode)
LCS[0:7]/LWE
LCS[0:7]/LBS[0:3]/LGPL[0:5]
GPCM Mode Input Signal
LGTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com