Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536EAVTAVL Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPC8536EAVTAVL
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EAVTAVL Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC8536EAVTAVL Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 128 page
background image
Serial ATA (SATA)
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
81
2.16.2
Differential Transmitter (TX) Output Characteristics
Table 60 provides the differential transmitter (TX) output characteristics for the SATA interface.
Table 60. Differential Transmitter (TX) Output Characteristics
Parameter
Symbol
Min
Typical
Max
Units
Notes
Channel Speed
1.5G
3.0G
tCH_SPEED
—1.5
3.0
—
Gbps
—
Unit Interval
1.5G
3.0G
TUI
666.4333
333.2167
666.4333
333.3333
670.2333
335.1167
ps
—
DC Coupled
Common Mode
Voltage
Vdc_cm
200
250
450
mV
3
TX Diff Output Voltage
1.5G
3.0G
VSATA_TXDIFF
400
400
500
—
600
700
mV
—
TX rise/fall time
1.5G
3.0G
tSATA_20-80TX
100
67
—
—
273
136
ps
—
TX differential skew
tSATA_TXSKEW
—
—
20
ps
—
TX Differential pair
impedance
1.5G
ZSATA_TXDIFFIM
85
—
115
ohm
—
TX Single ended
impedance
1.5G
ZSATA_TXSEIM
40
—
—
ohm
—
TX AC common mode
voltage (peak to peak)
1.5G
3.0G
VSATA_TXCMMOD
—
—
—
—
—
50
mV
—
OOB Differential Delta
VSATA_OOBvdoff
——
25
mV
1
OOB Common mode
Delta
VSATA_OOBcm
——
50
mV
1
TX Rise/Fall Imbalance
TSATA_TXR/Fbal
——
20
%
—
TX Amplitude Imbalance
TSATA_TXampbal
——
10
%
—
TX Differential Mode
Return loss
150 MHz - 300 MHz
300 MHz - 600 MHz
600 MHz - 1.2 GHz
1.2 GHz - 2.4 GHz
2.4 GHz - 3.0 GHz
3.0 GHz - 5.0 GHz
RLSATA_TXDD11
—
—
—
—
—
—
—
—
—
—
—
—
14
8
6
6
3
1
dB
1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com