Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536EAVTAVL Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8536EAVTAVL
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EAVTAVL Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8536EAVTAVL Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8536EAVTAVL Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
Pin Map
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
13
USB3_DIR
USB3 Data Direction
AG8
I
OVDD
—
USB3_STP
USB3 Stop
AH8
O
OVDD
—
Reserved
—
AH9
—
—
27
USB3_CLK
USB3 bus clock
AH5
I
OVDD
—
Programmable Interrupt Controller
MCP
Machine check processor
Y14
I
OVDD
—
UDE
Unconditional debug event
AB14
I
OVDD
—
IRQ[0:8]
External interrupts
AG22,AF17,AB23,
AF19,AG17,AF16,
AA22,Y19,AB22
IOVDD
—
IRQ[9]/DMA_DREQ[3]
External interrupt/DMA
request
AE13
I
OVDD
1
IRQ[10]/DMA_DACK[3]
External interrupt/DMA Ack
AD13
I/O
OVDD
1
IRQ[11]/DMA_DDONE[3]
External interrupt/DMA done
AD14
I/O
OVDD
1
IRQ_OUT
Interrupt output
AC17
O
OVDD
2,4
Ethernet Management Interface
EC_MDC
Management data clock
Y10
O
OVDD
5,9,22
EC_MDIO
Management data In/Out
Y11
I/O
OVDD
—
Gigabit Reference Clock
EC_GTX_CLK125
Reference clock
AA6
I
LVDD
31
Three-Speed Ethernet Controller (Gigabit Ethernet 1)
TSEC1_TXD[7:0]
Transmit data
AA8,AA5,Y8,Y5,W3,
W5,W4,W6
OLVDD
5,9,22
TSEC1_TX_EN
Transmit Enable
W1
O
LVDD
23
TSEC1_TX_ER
Transmit Error
AB5
O
LVDD
5,9
TSEC1_TX_CLK
Transmit clock In
AB4
I
LVDD
—
TSEC1_GTX_CLK
Transmit clock Out
W2
O
LVDD
—
TSEC1_CRS
Carrier sense
AA9
I/O
LVDD
17
TSEC1_COL
Collision detect
AB6
I
LVDD
—
TSEC1_RXD[7:0]
Receive data
AB3,AB7,AB8,Y6,AA2,
Y3,Y1,Y2
ILVDD
—
TSEC1_RX_DV
Receive data valid
AA1
I
LVDD
—
TSEC1_RX_ER
Receive data error
Y9
I
LVDD
—
TSEC1_RX_CLK
Receive clock
AA3
I
LVDD
—
Three-Speed Ethernet Controller (Gigabit Ethernet 3)
Table 1. MPC8536E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com