Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536EBVTAKG Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC8536EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EBVTAKG Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC8536EBVTAKG Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 128 page
background image
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
45
Figure 16 shows the GMII transmit AC timing diagram.
Figure 16. GMII Transmit AC Timing Diagram
2.9.2.2.2
GMII Receive AC Timing Specifications
Table 29 provides the GMII receive AC timing specifications.
Figure 17 provides the AC test load for eTSEC.
Figure 17. eTSEC AC Test Load
Table 29. GMII Receive AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
RX_CLK clock period
tGRX
—8.0
—
ns
RX_CLK duty cycle
tGRXH/tGRX
35
—
65
ns
RXD[7:0], RX_DV, RX_ER setup time to RX_CLK
tGRDVKH
2.0
—
—
ns
RXD[7:0], RX_DV, RX_ER hold time to RX_CLK
tGRDXKH
0—
—
ns
RX_CLK clock rise (20%-80%)
tGRXR
——
1.0
ns
RX_CLK clock fall time (80%-20%)
tGRXF
——
1.0
ns
Note:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGRDVKH symbolizes GMII
receive timing (GR) with respect to the time data input signals (D) reaching the valid state (V) relative to the tRX clock
reference (K) going to the high state (H) or setup time. Also, tGRDXKL symbolizes GMII receive timing (GR) with respect to the
time data input signals (D) went invalid (X) relative to the tGRX clock reference (K) going to the low (L) state or hold time. Note
that, in general, the clock reference symbol representation is based on three letters representing the clock of a particular
functional. For example, the subscript of tGRX represents the GMII (G) receive (RX) clock. For rise and fall times, the latter
convention is used with the appropriate letter: R (rise) or F (fall).
GTX_CLK
TXD[7:0]
tGTKHDX
tGTX
tGTXH
tGTXR
tGTXF
tGTKHDV
TX_EN
TX_ER
Output
LVDD/2
RL = 50 Ω
Z0 = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com