Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536EBVTAKG Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MPC8536EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EBVTAKG Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MPC8536EBVTAKG Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
High-Speed Serial Interfaces
Freescale Semiconductor
92
The Differential Input Voltage (or Swing) of the receiver, VID, is defined as the difference of the two complimentary input
voltages: VSDn_RX - VSDn_RX. The VID value can be either positive or negative.
4.
Differential Peak Voltage, VDIFFp
The peak value of the differential transmitter output signal or the differential receiver input signal is defined as Differential Peak
Voltage, VDIFFp = |A - B| Volts.
5.
Differential Peak-to-Peak, VDIFFp-p
Since the differential output signal of the transmitter and the differential input signal of the receiver each range from A - B to
-(A - B) Volts, the peak-to-peak value of the differential transmitter output signal or the differential
receiver input signal is defined as Differential Peak-to-Peak Voltage, VDIFFp-p = 2*VDIFFp =
2 * |(A - B)| Volts, which is twice of differential swing in amplitude, or twice of the differential
peak. For example, the output differential peak-peak voltage can also be calculated as VTX-DIFFp-p
= 2*|VOD|.
6.
Common Mode Voltage, Vcm
The Common Mode Voltage is equal to one half of the sum of the voltages between each conductor of a balanced interchange
circuit and ground. In this example, for SerDes output, Vcm_out = VSDn_TX + VSDn_TX = (A + B)
/ 2, which is the arithmetic mean of the two complimentary output voltages within a differential
pair. In a system, the common mode voltage may often differ from one component’s output to the
other’s input. Sometimes, it may be even different between the receiver input and driver output
circuits within the same component. It is also referred as the DC offset in some occasion.
Figure 57. Differential Voltage Definitions for Transmitter or Receiver
To illustrate these definitions using real values, consider the case of a CML (Current Mode Logic) transmitter that has a common
mode voltage of 2.25 V and each of its outputs, TD and TD, has a swing that goes between 2.5V and 2.0V. Using these values,
the peak-to-peak voltage swing of each signal (TD or TD) is 500 mV p-p, which is referred as the single-ended swing for each
signal. In this example, since the differential signaling environment is fully symmetrical, the transmitter output’s differential
swing (VOD) has the same amplitude as each signal’s single-ended swing. The differential output signal ranges between 500
mV and –500 mV, in other words, VOD is 500 mV in one phase and –500 mV in the other phase. The peak differential voltage
(VDIFFp) is 500 mV. The peak-to-peak differential voltage (VDIFFp-p) is 1000 mV p-p.
2.20.2
SerDes Reference Clocks
The SerDes reference clock inputs are applied to an internal PLL whose output creates the clock used by the corresponding
SerDes lanes. The SerDes reference clocks for PCI Express are SD1_REF_CLK and, SD1_REF_CLK. The SerDes reference
clocks for the SATA and SGMII interfaces are SD2_REF_CLK and, SD2_REF_CLK.
Differential Swing, VID or VOD = A – B
A Volts
B Volts
SD
n_TX or
SD
n_RX
SD
n_TX or
SD
n_RX
Differential Peak Voltage, VDIFFp = |A – B|
Differential Peak-Peak Voltage, VDIFFpp = 2*VDIFFp (not shown)
Vcm = (A + B) / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com