Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF280T Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF280T
Description  SAW FILTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF280T Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF280T Datasheet HTML 1Page - Shoulder Electronics Limited. HDF280T Datasheet HTML 2Page - Shoulder Electronics Limited. HDF280T Datasheet HTML 3Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4.Electrical characteristics
Part Number
F280TS3
Unit
Nominal center frequency(Fo)
280
MHz
Insertion (Fo)
14.0max.
dB
3dBBand width
18min.
MHz
Spurious response
Fo-60~-40MHz
Fo-40~-22MHz
Fo-22~-16MHz
Fo+16~+22MHz
Fo+22~+40MHz
Fo+40~+60MHz
40 min.
37 min.
30 min.
25 min.
34 min.
40 min
dB
Ripple(within passband)
2.0 min
dB
Input/Output impedance(Nominal)
50//39
Ω//nH
5.Typical frequency response
Http://www.shoulder.cn
SHOULDER ELECTRONICS CO., LTD.
Page: 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com