Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF280T Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # HDF280T
Description  SAW FILTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF280T Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  HDF280T Datasheet HTML 1Page - Shoulder Electronics Limited. HDF280T Datasheet HTML 2Page - Shoulder Electronics Limited. HDF280T Datasheet HTML 3Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1.SCOPE
This specification shall cover the characteristics of SAW filter F280TS3 used for the WLAN
2. DIMENSION
1. Ground
2. Input/output
3. Ground
4. Ground
5. Ground
6. Input/output
7. Ground
8. Ground
3. TEST CIRCUIT
C1=C2=0pF, L1=L2=39nH
Http://www.shoulder.cn
SHOULDER ELECTRONICS CO., LTD.
Page: 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com