Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN1CS3 Datasheet(PDF) 1 Page - Powerbox

Part # EN1CS3
Description  AC INPUT MODULAR FRONT END SYSTEMS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

EN1CS3 Datasheet(HTML) 1 Page - Powerbox

  EN1CS3 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Your dependable power partner – www.powerbox.com.au
251
EN Mods
AC
INPUT
MODULAR
FRONT
END
SYSTEMS
Features
•
Harmonics current attenuation to EN61000-3-2
•
EMI filtering to EN 55022, Level B
•
Transient immunity to EN61000-4-5
•
600W power processing
•
Autoranging 115/230VAC input
•
Microprocessor control
•
Inrush current limiting
Product Information
The ENMods system is a new solution for compliance to EN harmonic
current, EMI, and transient immunity standards. It consists of a passive
harmonic current attenuation module — the MiniHAM — and an auto
ranging AC-DC front-end module — the FARM3. Combined with filtering
and hold-up components as specified herein, the ENMods system provides
full compliance to:
EN61000-3-2 Harmonic Current Content Limits
EN55022, Level B conductional environmental limits
EN61000-4-5 Input Surge Immunity
EN61000-4-11 Line Disturbances
The MiniHAM is the first passive product specifically designed for
compliance to harmonic current limits. Unlike active PFC solutions, the
MiniHAM generates no EMI, greatly simplifying and reducing system noise
filtering requirements. It is also considerably smaller and more efficient
than active alternatives and improves MTBF by an order of magnitude.
Uniquely intended to operate on the DC bus provided by the FARM3 rather
than directly on the AC line, it will provide harmonic current compliance at
230Vac input at up to 600W of input power. The 115/230Vac input FARM3
is a new member of Vicor’s Filter and Autoranging Module product line that
has been optimized for use as the front-end for the MiniHAM. Both
modules are in Vicor’s standard Mini half-brick package. Together with
Vicor’s 1st or 2nd Generation 300V input DC-DC converters, they form the
basis of a low noise, high efficiency, rugged, simple and reliable EN
compliant power system.
General Specifications
Safety approval
UL60950, CSA60950, TUV, VDE,
EN60950, CE Marked
Dielectric withstand (I/O to
base plate)
1500VRMS
Leakage current
2.5mA max @ 264VAC
Weight
88g (FARM3), 145g (Mini HAM)
Size
57.9x55.9x12.7mm
STANDARDS
C-Tick
AS/NZS CISPR11 Group 1 Class A
EN1
C 2
1
Product
Product Grade
C = 20oC to +100oC
T = -40oC to +100oC
H = -40oC to +100oC
Pin Style
1 = Short
2 = Long
F = Short Rohs
G = Long Rohs
S = Short ModuMate
N = Long ModuMate
Baseplate
1 = Slotted
2 = Threaded
3 = Thru-hole
Note: EN1 Product includes one each MiniHAM and FARM3 with same
product grade, pin and base plate style.
Part Numbering


Similar Part No. - EN1CS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
EN1CS3 VICOR-EN1CS3 Datasheet
347Kb / 12P
ENMods Component Power Front End System for EN Compliance
EN1CS3 VICOR-EN1CS3 Datasheet
1Mb / 13P
Component Power Front-end System for EN Compliance
EN1CS3 VICOR-EN1CS3 Datasheet
879Kb / 13P
Component Power Front-end System for EN Compliance
EN1CS3 VICOR-EN1CS3 Datasheet
879Kb / 13P
Component Power Front-end System for EN Compliance
More results

Similar Description - EN1CS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-AIM VICOR-VI-AIM Datasheet
51Kb / 2P
Universal AC Input Front End Module
IFE5C02 VICOR-IFE5C02 Datasheet
293Kb / 7P
IFE International AC Front End
VI-AIM-E1 VICOR-VI-AIM-E1 Datasheet
84Kb / 2P
VI-AIM (Universal AC Input Front End Module)
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
AC/DC Front End Power Supply
logo
Vicor Corporation
FE175D480M033FP-CB VICOR-FE175D480M033FP-CB Datasheet
3Mb / 20P
VI Brick짰 AC Front End
VI-AIM-E1 VICOR-VI-AIM-E1_17 Datasheet
164Kb / 4P
Universal AC Input Front End Module
GP-MPFC1H21 VICOR-GP-MPFC1H21 Datasheet
390Kb / 9P
AC Input Front End Module
MI-AIM VICOR-MI-AIM Datasheet
154Kb / 5P
AC Input Front End Module
logo
TDK Electronics
FPS1000-12 TDK-FPS1000-12 Datasheet
999Kb / 6P
AC/DC Front End
logo
Analog Devices
AD4110-1 AD-AD4110-1 Datasheet
1Mb / 74P
Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
3/2019-Revision 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com