Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECHXAQJ Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXAQJ
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXAQJ Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXAQJ Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
14
Freescale Semiconductor
Power Characteristics
NOTE
In order to guarantee MCKE low during power-up, the above sequencing for
GVDD is required. If there is no concern about any of the DDR signals being
in an indeterminate state during power-up, then the sequencing for GVDD is
not required.
NOTE
From a system standpoint, if any of the I/O power supplies ramp prior to the
VDD core supply, the I/Os associated with that I/O supply may drive a logic
one or zero during power-up, and extra current may be drawn by the device.
3
Power Characteristics
The estimated typical power dissipation for the core complex bus (CCB) versus the core frequency for this
family of PowerQUICC III devices is shown in Table 4.
Table 4. MPC8548E Power Dissipation
CCB Frequency1
Core Frequency
SLEEP2
Typical-653
Typical-1054
Maximum5
Unit
400
800
2.7
4.6
7.5
8.1
W
1000
2.7
5.0
7.9
8.5
W
1200
2.7
5.4
8.3
8.9
500
1500
11.5
13.6
16.5
18.6
W
533
1333
6.2
7.9
10.8
12.8
W
Notes:
1. CCB frequency is the SoC platform frequency, which corresponds to the DDR data rate.
2. SLEEP is based on VDD = 1.1 V, Tj = 65°C.
3. Typical-65 is based on VDD = 1.1 V, Tj = 65°C, running Dhrystone.
4. Typical-105 is based on VDD = 1.1 V, Tj = 105°C, running Dhrystone.
5. Maximum is based on VDD = 1.1 V, Tj = 105°C, running a smoke test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com