Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECHXAQJ Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXAQJ
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXAQJ Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXAQJ Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
18
Freescale Semiconductor
RESET Initialization
5
RESET Initialization
This section describes the AC electrical specifications for the RESET initialization timing requirements of
the MPC8548E. Table 8 provides the RESET initialization AC timing specifications for the DDR SDRAM
component(s).
Table 9 provides the PLL lock times.
5.1
Power-On Ramp Rate
This section describes the AC electrical specifications for the power-on ramp rate requirements.
Controlling the maximum power-on ramp rate is required to avoid falsely triggering the ESD circuitry.
Table 10 provides the power supply ramp rate specifications.
Table 8. RESET Initialization Timing Specifications
Parameter/Condition
Min
Max
Unit
Notes
Required assertion time of HRESET
100
—
μs—
Minimum assertion time for SRESET
3
—
SYSCLKs
1
PLL input setup time with stable SYSCLK before HRESET negation
100
—
μs—
Input setup time for POR configs (other than PLL config) with respect to
negation of HRESET
4
—
SYSCLKs
1
Input hold time for all POR configs (including PLL config) with respect to
negation of HRESET
2
—
SYSCLKs
1
Maximum valid-to-high impedance time for actively driven POR configs with
respect to negation of HRESET
—
5
SYSCLKs
1
Note:
1. SYSCLK is the primary clock input for the MPC8548E.
Table 9. PLL Lock Times
Parameter/Condition
Min
Max
Unit
Core and platform PLL lock times
—
100
μs
Local bus PLL lock time
—
50
μs
PCI/PCI-X bus PLL lock time
—
50
μs
Table 10. Power Supply Ramp Rate
Parameter
Min
Max
Unit
Notes
Required ramp rate for MVREF
—
3500
V/s
1
Required ramp rate for VDD
—
4000
V/s
1, 2
Note:
1. Maximum ramp rate from 200 to 500 mV is most critical as this range may falsely trigger the ESD circuitry.
2. VDD itself is not vulnerable to false ESD triggering; however, as per Section 21.2, “PLL Power Supply Filtering,” the
recommended AVDD_CORE, AVDD_PLAT, AVDD_LBIU, AVDD_PCI1 and AVDD_PCI2 filters are all connected to VDD.
Their ramp rates should be equal to or less than the VDD ramp rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com